Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9783 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9783
Description  Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9783 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9783 Datasheet HTML 7Page - Analog Devices AD9783 Datasheet HTML 8Page - Analog Devices AD9783 Datasheet HTML 9Page - Analog Devices AD9783 Datasheet HTML 10Page - Analog Devices AD9783 Datasheet HTML 11Page - Analog Devices AD9783 Datasheet HTML 12Page - Analog Devices AD9783 Datasheet HTML 13Page - Analog Devices AD9783 Datasheet HTML 14Page - Analog Devices AD9783 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AD9780/AD9781/AD9783
Rev. A | Page 11 of 36
90
40
45
50
55
60
65
70
75
80
85
0
50
100
150
200
250
300
350
400
450
500
fOUT (MHz)
500MSPS
400MSPS
250MSPS
Figure 17. AD9783 SFDR vs. fOUT Over fDAC in Baseband and Mix Modes,
FS = 20 mA
100
40
45
50
55
60
65
70
75
80
85
90
95
0
25
50
75
100
125
150
175
200
225
250
fOUT (MHz)
10mA
30mA
20mA
Figure 18. AD9783 SFDR vs. fOUT Over Analog Output, TA = 25°C, at 500 MSPS
fOUT (MHz)
100
40
45
50
55
60
65
70
75
80
85
90
95
0
25
50
75
100
125
150
175
200
225
250
–3dBFS
0dBFS
–6dBFS
Figure 19. AD9783 SFDR vs. fOUT Over Digital Input Level,
TA = 25°C, at 500 MSPS, FS = 20 mA
fOUT (MHz)
100
40
45
50
55
60
65
70
75
80
85
90
95
0
25
50
75
100
125
150
175
200
225
250
+25°C
–40°C
+85°C
Figure 20. AD9783 SFDR vs. fOUT Over Temperature, at 500 MSPS, FS = 20 mA
fOUT (MHz)
100
40
45
50
55
60
65
70
75
80
85
90
95
0
50
100
150
200
500
250
300
350
400
450
500MSPS
400MSPS
250MSPS
Figure 21. AD9783 IMD vs. fOUT Over fDAC in Baseband and Mix Modes,
FS = 20 mA
fOUT (MHz)
0
25
50
75
100
125
150
175
200
225
250
40
45
50
55
60
65
70
75
80
85
90
95
100
10mA
20mA
30mA
Figure 22. AD9783 IMD vs. fOUT Over Analog Output, TA = 25°C, at 500 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com