Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9780-EBZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD9780-EBZ
Description  Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9780-EBZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9780-EBZ Datasheet HTML 25Page - Analog Devices AD9780-EBZ Datasheet HTML 26Page - Analog Devices AD9780-EBZ Datasheet HTML 27Page - Analog Devices AD9780-EBZ Datasheet HTML 28Page - Analog Devices AD9780-EBZ Datasheet HTML 29Page - Analog Devices AD9780-EBZ Datasheet HTML 30Page - Analog Devices AD9780-EBZ Datasheet HTML 31Page - Analog Devices AD9780-EBZ Datasheet HTML 32Page - Analog Devices AD9780-EBZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
AD9780/AD9781/AD9783
Rev. A | Page 29 of 36
POWER DISSIPATION
Figure 68 through Figure 73 show the power dissipation of the part in single DAC and dual DAC modes.
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
100
200
300
400
500
CLOCK SPEED (MSPS)
Figure 68. Power Dissipation, I Data Only, Single DAC Mode
0
0.025
0.050
0.075
0.100
0.125
0.150
0.175
0.200
0
100
200
300
400
500
CLOCK SPEED (MSPS)
DVDD18
CVDD
Figure 69. Power Dissipation, Digital 1.8 V Supply, Clock 1.8 V Supply,
I Data Only
0
0.025
0.050
0.075
0.100
0.125
0.150
0.175
0.200
0
100
200
300
400
500
CLOCK SPEED (MSPS)
AVDD33
DVDD33
Figure 70. Power Dissipation, Digital 3.3 V Supply, Analog 3.3 V Supply,
I Data Only
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
100
200
300
400
500
CLOCK SPEED (MSPS)
Figure 71. Power Dissipation, I and Q Data, Dual DAC Mode
0
0.025
0.050
0.075
0.100
0.125
0.150
0.175
0.200
DVDD18
CVDD
0
100
200
300
400
500
CLOCK SPEED (MSPS)
Figure 72. Power Dissipation, Digital 1.8 V Supply, Clock 1.8 V Supply,
I and Q Data, Dual DAC Mode
0
0.025
0.050
0.075
0.100
0.125
0.150
0.175
0.200
0
100
200
300
400
500
CLOCK SPEED (MSPS)
AVDD33
DVDD33
Figure 73. Power Dissipation, Digital 3.3 V Supply, Analog 3.3 V Supply,
I and Q Data, Dual DAC Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com