Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9781-EBZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9781-EBZ
Description  Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9781-EBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9781-EBZ Datasheet HTML 9Page - Analog Devices AD9781-EBZ Datasheet HTML 10Page - Analog Devices AD9781-EBZ Datasheet HTML 11Page - Analog Devices AD9781-EBZ Datasheet HTML 12Page - Analog Devices AD9781-EBZ Datasheet HTML 13Page - Analog Devices AD9781-EBZ Datasheet HTML 14Page - Analog Devices AD9781-EBZ Datasheet HTML 15Page - Analog Devices AD9781-EBZ Datasheet HTML 16Page - Analog Devices AD9781-EBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
AD9780/AD9781/AD9783
Rev. A | Page 13 of 36
–90
–50
–55
–60
–65
–70
–75
–80
–85
0
500
400
300
200
100
fOUT (MHz)
245.76MSPS
491.52MSPS
Figure 29. AD9783 ACLR for First Adjacent Band One-Carrier W-CDMA
Baseband and Mix Modes, FS = 20 mA
–90
–50
–55
–60
–65
–70
–75
–80
–85
0
500
400
300
200
100
fOUT (MHz)
245.76MSPS
491.52MSPS
Figure 30. AD9783 ACLR for Second Adjacent Band One-Carrier W-CDMA
Baseband and Mix Modes, FS = 20 mA
–90
–50
–55
–60
–65
–70
–75
–80
–85
0
500
400
300
200
100
fOUT (MHz)
245.76MSPS
491.52MSPS
Figure 31. AD9783 ACLR for Third Adjacent Band One-Carrier W-CDMA
Baseband and Mix Modes, FS = 20 mA
–90
–50
–55
–60
–65
–70
–75
–80
–85
0
500
400
300
200
100
fOUT (MHz)
0dB
–3dB
Figure 32. AD9783 ACLR for First Adjacent Channel Two-Carrier W-CDMA
Over Digital Input Level Baseband and Mix Modes, at 491.52 MSPS,
FS = 20 mA
–90
–50
–55
–60
–65
–70
–75
–80
–85
0
500
400
300
200
100
fOUT (MHz)
–3dB
0dB
Figure 33. AD9783 ACLR for Second Adjacent Channel Two-Carrier W-CDMA
Over Digital Input Level Baseband and Mix Modes, at 491.52 MSPS,
FS = 20 mA
–90
–50
–55
–60
–65
–70
–75
–80
–85
0
500
400
300
200
100
fOUT (MHz)
–3dB
0dB
Figure 34. AD9783 ACLR for Third Adjacent Channel Two-Carrier W-CDMA
Over Digital Input Level Baseband and Mix Modes, at 491.52 MSPS,
FS = 20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com