Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4062-2ARZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4062-2ARZ-R7
Description  Tiny, Low Power JFET-Input Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4062-2ARZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4062-2ARZ-R7 Datasheet HTML 11Page - Analog Devices ADA4062-2ARZ-R7 Datasheet HTML 12Page - Analog Devices ADA4062-2ARZ-R7 Datasheet HTML 13Page - Analog Devices ADA4062-2ARZ-R7 Datasheet HTML 14Page - Analog Devices ADA4062-2ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4062-2ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4062-2ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4062-2ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4062-2ARZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADA4062-2
Rev. 0 | Page 15 of
20
Most JFET input amplifiers have phase reversal if either input
exceeds the input common-mode range.
For the ADA4062-2, the output does not phase reverse if one or
both of the inputs exceeds the input voltage range but stays below
the positive supply rail and 0.5 V above the negative supply rail.
With a supply voltage of ±15 V, phase reversal occurs when the
input voltage is a negative signal greater than −14.5 V. This is due
to saturation of the input stage leading to forward biasing of the
gate-drain diode. Phase reversal in ADA4062-2 can be prevented
by using a Schottky diode to clamp the input terminals to each
other. In the simple buffer circuit in Figure 57, D1 protects the
op amp against phase reversal and R limits the input current
that flows into the op amp.
+VSY
–VSY
VO
R
10kΩ
ADA4062-2
1/2
D1
IN5711
IN
Figure 57. Phase Reversal Solution Circuit
TIME (40µs/DIV)
VSY = ±15V
VOUT
VIN
Figure 58. No Phase Reversal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com