Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4855-3YCPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4855-3YCPZ-R2
Description  Single Supply, High Speed, Rail-to-Rail Output, Triple Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4855-3YCPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4855-3YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4855-3YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4855-3YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4855-3YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4855-3YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4855-3YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4855-3YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4855-3YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4855-3YCPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADA4855-3
Rev. 0 | Page 10 of 20
–0.08
–0.04
–0.06
–0.02
0
0.02
0.04
0.06
0.08
TIME (10ns/DIV)
VS = 5V
VS = 3.3V
Figure 23. Small Signal Transient Response vs. Supply Voltage
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
TIME (10ns/DIV)
CL = 2.2pF
CL = 4.4pF
CL = 6.6pF
Figure 24. Small Signal Transient Response vs. Capacitive Load
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
TIME (10ns/DIV)
RL = 1kΩ
RL = 150Ω
Figure 25. Large Signal Transient Response vs. Load Resistance
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
TIME (10ns/DIV)
CL = 2.2pF
CL = 4.4pF
CL = 6.6pF
Figure 26. Large Signal Transient Response vs. Capacitive Load
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
TIME (10ns/DIV)
CL = 2.2pF
CL = 4.4pF
CL = 6.6pF
VS = 3.3V
Figure 27. Small Signal Transient Response vs. Capacitive Load
23.7
23.2
22.7
22.2
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1
SUPPLY VOLTAGE (V)
4.3
4.7 4.9
5.3 5.5
4.5
5.1
21.7
Figure 28. Quiescent Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com