Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4817-2ACPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4817-2ACPZ-R2
Description  Low Noise, 1 GHz FastFET Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4817-2ACPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4817-2ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4817-2ACPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ADA4817-1/ADA4817-2
Rev. 0 | Page 15 of 24
Figure 43 shows the small signal frequency response of the
ADA4817-2 at a gain of 2 vs. CF. At first no CF was used to show
the peaking then two other values of 0.5 pF and 1 pF were used
to show how to reduce the peaking or even eliminate it. As
shown in Figure 43, if the power consumption is a factor in
the system, then using a larger feedback capacitor is acceptable
as long as a feedback capacitor is used across it to control the
peaking. However, if the power consumption is not an issue,
then a lower value feedback resistor such as 100 Ω, would not
require any additional feedback capacitance to maintain flatness
and lower peaking.
POWER-DOWN OPERATION
The ADA4817-1/ADA4817-2 are equipped with separate
power-down pins (PD) pins for each amplifier. This allows the
user the ability to reduce the quiescent supply current when
an amplifier is inactive from 2 mA to 19 mA. The power-down
threshold levels are derived from the voltage applied to the +VS
pin. In ±5 V supply application, the enable voltage is greater
than +4 V, and in a ±3 V supply application, the enable voltage
is greater than +2 V. However, the amplifier is powered down
whenever the voltage applied to the PD pin is 3 V below +VS.
If the PD pin is not to be used, it is best to connect it to the
positive supply.
Table 7. Power-Down Voltage Control
PD Pin
9
6
3
0
–3
–6
–9
0.1
1
10
100
1k
10k
FREQUENCY (MHz)
RF = 348Ω
G = 2
VS = 10V
VOUT = 100mV p-p
RL = 100Ω
CF = 1pF
CF = 0.5pF
NO CF
±5 V
+3 V, −2 V
Not active
>4 V
>2 V
Active
<2 V
<0 V
CAPACITIVE FEEDBACK
Due to package variations and pin-to-pin parasitic between the
single and the dual, the ADA4817-2 has a little more peaking
then the ADA4817-1, especially at a gain of 2. The best way to
tame the peaking is to place a feedback capacitor across the
feedback resistor.
Figure 43. Small Signal Frequency Response vs. Feedback Capacitor
(ADA4817-2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com