Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4855-3YCPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4855-3YCPZ-R7
Description  Single Supply, High Speed, Rail-to-Rail Output, Triple Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4855-3YCPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4855-3YCPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4855-3YCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4855-3YCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4855-3YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4855-3YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4855-3YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4855-3YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4855-3YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4855-3YCPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADA4855-3
Rev. 0 | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
T = 25°C, VS = 5V, G = 1, RF = 1 kΩ for G > 1, RL = 150 Ω, small signal VOUT = 100 mV p-p, and large signal VOUT = 2 V p-p, unless
otherwise noted.
1
0
–1
–2
–3
–4
–5
–6
110
FREQUENCY (MHz)
100
1000
G = 2
G = 5
G = 1
Figure 5. Small Signal Frequency Response vs. Gain
1
0
–1
–2
–3
–4
–5
–6
110
FREQUENCY (MHz)
100
1000
G = 5
G = 2
G = 1
VS = 3.3V
Figure 6. Small Signal Frequency Response vs. Gain
1
0
–1
–2
–3
–4
–5
–6
110
FREQUENCY (MHz)
100
1000
RL = 150Ω
RL = 1kΩ
Figure 7. Small Signal Frequency Response vs. Load
1
0
–1
–2
–3
–4
–5
–6
110
FREQUENCY (MHz)
100
1000
G = 2
G = 5
G = 1
Figure 8. Large Signal Frequency Response vs. Gain
1
0
–1
–2
–3
–4
–5
–6
110
FREQUENCY (MHz)
100
1000
G = 2
VOUT = 2V p-p
G = 5
VOUT = 2V p-p
G = 1
VOUT = 1.4V p-p
VS = 3.3V
Figure 9. Large Signal Frequency Response vs. Gain
1
0
–1
–2
–3
–4
–5
–6
110
FREQUENCY (MHz)
100
1000
CF = 6.6pF
CF = 2.2pF
CF = 4.4pF
Figure 10. Small Signal Frequency Response vs. Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com