Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS464C Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS464C
Description  OUTPUT RAIL TO RAIL OPERATIONAL AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS464C Datasheet(HTML) 3 Page - STMicroelectronics

  TS464C Datasheet HTML 1Page - STMicroelectronics TS464C Datasheet HTML 2Page - STMicroelectronics TS464C Datasheet HTML 3Page - STMicroelectronics TS464C Datasheet HTML 4Page - STMicroelectronics TS464C Datasheet HTML 5Page - STMicroelectronics TS464C Datasheet HTML 6Page - STMicroelectronics TS464C Datasheet HTML 7Page - STMicroelectronics TS464C Datasheet HTML 8Page - STMicroelectronics TS464C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ELECTRICAL CHARACTERISTICS
VCC = 2.5V,VDD = -2.5V, Tamb =25
oC (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage
Tmin. <Tamb <Tmax.
1
5mV
DVio
Input Offset Voltage Drift
Vicm = 0V, Vo =0V
5
µV/oC
Iio
Input Offset Current
Vicm = 0V, Vo =0V
Tmin. <Tamb <Tmax.
10
150
200
nA
Iib
Input Bias Current
Vicm = 0V, Vo =0V
Tmin. <Tamb <Tmax.
200
200
750
1000
nA
Vicm
Common Mode Input Voltage Range
-1.35
±1.5
1.35
V
CMR
Common Mode Rejection Ratio
Vicm =
±1.35V
60
85
dB
SVR
Supply Voltage Rejection Ratio
VCC =
±2V to ±3V
60
70
dB
Avd
Large Signal Voltage Gain
RL =2k
Ω
70
80
dB
VOH
High Level Output Voltage
RL =2k
Ω
2
2.4
V
VOL
Low Level Output Voltage
RL =2k
Ω
-2.4
-2
V
ICC
Supply Current, per amplifier
Unity gain - no load
2
2.8
mA
GBP
Gain Bandwidth Product
f = 100kHz
RL =2k
Ω,CL = 100pF
8.5
10
MHz
SR
Slew Rate
AV =1, Vin =
±1V
2.8
4
V/
µs
en
Equivalent Input Noise Voltage
f = 100kHz
4
nV
√
Hz
THD
Total Harmonic Distortion
f = 1kHz, AV =-1
RL = 10k
Ω
0.003
%
TS461-TS462-TS464
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com