Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS486-1 Datasheet(PDF) 27 Page - STMicroelectronics

Part # TS486-1
Description  100mW STEREO HEADPHONE AMPLIFIER WITH STANDBY MODE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS486-1 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TS486-1 Datasheet HTML 23Page - STMicroelectronics TS486-1 Datasheet HTML 24Page - STMicroelectronics TS486-1 Datasheet HTML 25Page - STMicroelectronics TS486-1 Datasheet HTML 26Page - STMicroelectronics TS486-1 Datasheet HTML 27Page - STMicroelectronics TS486-1 Datasheet HTML 28Page - STMicroelectronics TS486-1 Datasheet HTML 29Page - STMicroelectronics TS486-1 Datasheet HTML 30Page - STMicroelectronics TS486-1 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
TS486-TS487
27/31
APPLICATION NOTE:
TS486/487 GENERAL DESCRIPTION
TS486/487 is a family of dual audio amplifiers able
to drive 16
Ω or 32Ω headsets. Working in the 2V to
5.5V supply voltage range, they deliver 100mW at
5V and 12mW at 2V in a 16
Ω load. An internal
output current limitation, offers protection against
short-circuits at the output over a limited time
period.
Fixed gain versions of the TS486 and TS487
including the feedback resistor and the input
resistors are also proposed to reduce the number
of external parts.
The TS486 and TS487 exhibit a low quiescent
current of typically 1.8mA, allowing usage in
portable applications.
The
standby
mode
is
selected
using
the
SHUTDOWN input. For TS486 (respectively
TS487), the device is in sleep mode when PIN 5 is
connected at GND (resp. VCC).
GAIN SETTING
The gain of each inverter amplifier of the TS486
and TS487 is set by the resistors RIN and RFEED.
GainLINEAR = -(RFEED/RIN)
GaindB = 20 Log(RFEED/RIN)
Fixed
gain
versions
TS486-n
and
TS487-n
including RIN and RFEED are proposed to reduce
external parts.
LOW FREQUENCY ROLL-OFF WITH INPUT
CAPACITORS
The low roll-off frequency of the headphone
amplifiers depends on the input capacitors CIN1
and CIN2 and the input resistors RIN1 and RIN2.
The CIN capacitor in series with the input resistor
RIN of the amplifier is equivalent to a first order
high pass filter.
Assuming that Fmin is the lowest frequency to be
amplified (with a 3dB attenuation), the minimum
value of CIN is:
CIN > 1 / (2*π*Fmin*RIN )
The
following
curve
gives
directly
the
low
frequency roll-off versus the input capacitor CIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com