Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF9010 Datasheet(PDF) 13 Page - Analog Devices

Part # ADF9010
Description  900 MHz ISM Band Analog RF Front End
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF9010 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF9010 Datasheet HTML 9Page - Analog Devices ADF9010 Datasheet HTML 10Page - Analog Devices ADF9010 Datasheet HTML 11Page - Analog Devices ADF9010 Datasheet HTML 12Page - Analog Devices ADF9010 Datasheet HTML 13Page - Analog Devices ADF9010 Datasheet HTML 14Page - Analog Devices ADF9010 Datasheet HTML 15Page - Analog Devices ADF9010 Datasheet HTML 16Page - Analog Devices ADF9010 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ADF9010
Rev. 0 | Page 13 of 28
PFD and Charge Pump
The phase frequency detector (PFD) takes inputs from the
R counter and N counter (N = BP + A) and produces an output
proportional to the phase and frequency difference between
them (see Figure 15).
DELAY
U3
CLR2
Q2
D2
U2
CLR1
Q1
D1
CHARGE
PUMP
DOWN
UP
HI
HI
U1
RDIVIDER
NDIVIDER
CP OUTPUT
R DIVIDER
N DIVIDER
CP
CPGND
VP
Figure 15. PFD Simplified Schematic and Timing (In Lock)
MUXOUT
The output multiplexer on the ADF9010 allows the user
to access various internal points on the chip. The state of
MUXOUT is controlled by M3, M2, and M1 in the control
latch. The full truth table is shown in Figure 22. Figure 16
shows the MUXOUT section in block diagram form.
Lock Detect
MUXOUT can be programmed for two types of lock detect:
digital and analog. Digital lock detect is active high. If the LDP
in the R counter latch is set to 0, digital lock detect is set high
when the phase error on three consecutive phase detector cycles
is less than 15 ns.
With the LDP set to 1, five consecutive cycles of less than 15 ns
phase error are required to set the lock detect. It stays set high
until a phase error of greater than 25 ns is detected on any
subsequent PD cycle.
The N-channel open-drain analog lock detect should be
operated with an external pull-up resistor of 10 kΩ nominal.
When a lock has been detected, this output is high with narrow
low-going pulses.
R COUNTER OUTPUT
N COUNTER OUTPUT
DIGITAL LOCK DETECT
DGND
CONTROL
MUX
MUXOUT
DVDD
ANALOG LOCK DETECT
SDOUT
Figure 16. MUXOUT Circuit
Voltage-Controlled Oscillator (VCO)
The VCO core in the ADF9010 uses 16 overlapping bands, as
shown in Figure 17, to allow a wide frequency range to be covered
with a low VCO sensitivity (KV) and to result in good phase noise
and spurious performance. The VCO operates at 4× the LO
frequency, providing an output range of 840 MHz to 960 MHz.
The correct band is chosen automatically by the band select
logic at power-up or whenever the LO latch is updated. During
band select, which takes five PFD cycles, the VCO VTUNE is
disconnected from the output of the loop filter and connected
to an internal reference voltage.
3.5
3.0
2.5
2.
1.5
1.0
0.5
0
750
800
850
SERIES 1
900
950
1000
FREQUENCY (Hz)
Figure 17. VCO Bands
The R counter output is used as the clock for the band select logic
and should not exceed 1 MHz. A programmable divider is pro-
vided at the R counter input to allow division by 1, 2, 4, or 8 and
is controlled by Bit BSC1 and Bit BSC2 in the Tx latch. Where the
required PFD frequency exceeds 1 MHz, the divide ratio should be
set to allow enough time to select the correct band.
After the band is selected, normal PLL action resumes. The
nominal value of KV is 32 MHz/V or 8 MHz/V, taking into
account the divide by 4.
The output from the VCO is divided by 4 for the LO inputs to
the mixers, and for the LO output drive to the demodulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com