Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE8052Z-PRG1 Datasheet(PDF) 22 Page - Analog Devices

Part # ADE8052Z-PRG1
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE8052Z-PRG1 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADE8052Z-PRG1 Datasheet HTML 18Page - Analog Devices ADE8052Z-PRG1 Datasheet HTML 19Page - Analog Devices ADE8052Z-PRG1 Datasheet HTML 20Page - Analog Devices ADE8052Z-PRG1 Datasheet HTML 21Page - Analog Devices ADE8052Z-PRG1 Datasheet HTML 22Page - Analog Devices ADE8052Z-PRG1 Datasheet HTML 23Page - Analog Devices ADE8052Z-PRG1 Datasheet HTML 24Page - Analog Devices ADE8052Z-PRG1 Datasheet HTML 25Page - Analog Devices ADE8052Z-PRG1 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 22 of 148
SPECIAL FUNCTION REGISTER (SFR) MAPPING
Table 14. SFR Mapping
Mnemonic
Address
Description
INTPR
0xFF
Interrupt pins configuration SFR (see
Table 16).
SCRATCH4
0xFE
Scratch Pad 4 (see Table 24).
SCRATCH3
0xFD
Scratch Pad 3 (see Table 23).
SCRATCH2
0xFC
Scratch Pad 2 (see Table 22).
SCRATCH1
0xFB
Scratch Pad 1 (see Table 21).
BATVTH
0xFA
Battery detection threshold (see
Table 52).
STRBPER
0xF9
Peripheral ADC strobe period (see
Table 49).
IPSMF
0xF8
Power management interrupt flag (see
Table 17).
TEMPCAL
0xF7
RTC temperature compensation (see
Table 132).
RTCCOMP
0xF6
RTC nominal compensation (see
Table 131).
BATPR
0xF5
Battery switchover configuration (see
Table 18).
PERIPH
0xF4
Peripheral configuration (see Table
19).
DIFFPROG
0xF3
Temperature and supply delta (see
Table 50).
B
0xF0
Auxiliary math (see Table 56).
VDCINADC
0xEF
VDCIN ADC value (see Table 53).
SBAUD2
0xEE
Enhanced Serial Baud Rate Control 2
(see Table 148).
LCDSEGE2
0xED
LCD Segment Enable 2 (see Table 100).
IPSME
0xEC
Power management interrupt enable
(see Table 20).
SBUF2
0xEB
Serial Port 2 buffer (see Table 147).
SPISTAT
0xEA
SPI interrupt status (see Table 155).
SPI2CSTAT
0xEA
I2C interrupt status (see Table 159).
SPIMOD2
0xE9
SPI Configuration SFR 2 (see Table 154).
I2CADR
0xE9
I2C slave address (see Table 158).
SPIMOD1
0xE8
SPI Configuration SFR 1 (see Table 153).
I2CMOD
0xE8
I2C mode (see Table 157).
WAV2H
0xE7
Selection 2 sample MSB (see Table 30).
WAV2M
0xE6
Selection 2 sample middle byte (see
Table 30).
WAV2L
0xE5
Selection 2 sample LSB (see Table 30).
WAV1H
0xE4
Selection 1 sample MSB (see Table 30).
WAV1M
0xE3
Selection 1 sample middle byte (see
Table 30).
WAV1L
0xE2
Selection 1 sample LSB (see Table 30).
SCON2
0xE1
Serial communications control (see
Table 146).
ACC
0xE0
Accumulator (see Table 56).
BATADC
0xDF
Battery ADC value (see Table 54).
MIRQSTH
0xDE
Interrupt Status 3 (see Table 42).
MIRQSTM
0xDD
Interrupt Status 2 (see Table 41).
MIRQSTL
0xDC
Interrupt Status 1 (see Table 40).
MIRQENH
0xDB
Interrupt Enable 3 (see Table 45).
MIRQENM
0xDA
Interrupt Enable 2 (see Table 44).
Mnemonic
Address
Description
MIRQENL
0xD9
Interrupt Enable 1 (see Table 43).
ADCGO
0xD8
Start ADC measurement (see Table 51).
TEMPADC
0xD7
Temperature ADC value (see Table 55).
IRMSH
0xD6
Irms measurement MSB (see Table 30).
IRMSM
0xD5
Irms measurement middle byte (see
Table 30).
IRMSL
0xD4
Irms measurement LSB (see Table 30).
VRMSH
0xD3
Vrms measurement MSB (see Table 30).
VRMSM
0xD2
Vrms measurement middle byte (see
Table 30).
VRMSL
0xD1
Vrms measurement LSB (see Table 30).
PSW
0xD0
Program status word (see Table 57).
TH2
0xCD
Timer 2 high byte (see Table 119).
TL2
0xCC
Timer 2 low byte (see Table 120).
RCAP2H
0xCB
Timer 2 reload/capture high byte (see
Table 121).
RCAP2L
0xCA
Timer 2 reload/capture low byte (see
Table 122).
T2CON
0xC8
Timer/Counter 2 control (see Table 114).
EADRH
0xC7
Flash high byte address (see Table 109).
EADRL
0xC6
Flash low byte address (see Table 108).
POWCON
0xC5
Power control (see Table 25).
KYREG
0xC1
Key (see Table 125).
WDCON
0xC0
Watchdog timer (see Table 87).
STCON
0xBF
Stack boundary (see Table 64).
EDATA
0xBC
Flash data (see Table 107).
PROTKY
0xBB
Flash protection key (see Table 106).
FLSHKY
0xBA
Flash key (see Table 105).
ECON
0xB9
Flash control (see Table 104).
IP
0xB8
Interrupt priority (see Table 81).
SPH
0xB7
Stack pointer high (see Table 63).
PINMAP2
0xB4
Port 2 weak pull-up enable (see
Table 164).
PINMAP1
0xB3
Port 1 weak pull-up enable (see
Table 163).
PINMAP0
0xB2
Port 0 weak pull-up enable (see
Table 162).
LCDCONY
0xB1
LCD Configuration Y (see Table 93).
CFG
0xAF
Configuration (see Table 65).
LCDDAT
0xAE
LCD data (see Table 99).
LCDPTR
0xAC
LCD pointer (see Table 98).
IEIP2
0xA9
Interrupt enable and Priority 2 (see
Table 82).
IE
0xA8
Interrupt enable (see Table 80).
DPCON
0xA7
Data pointer control (see Table 78).
RTCDAT
0xA4
RTC pointer data (see Table 130).
RTCPTR
0xA3
RTC pointer address (see Table 129).
TIMECON2
0xA2
RTC Configuration 2 (see Table 128).
TIMECON
0xA1
RTC configuration (see Table 127).
P2
0xA0
Port 2 (see Table 167).
EPCFG
0x9F
Extended port configuration (see
Table 161).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com