Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS487-1 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TS487-1
Description  100mW STEREO HEADPHONE AMPLIFIER WITH STANDBY MODE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS487-1 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TS487-1 Datasheet HTML 23Page - STMicroelectronics TS487-1 Datasheet HTML 24Page - STMicroelectronics TS487-1 Datasheet HTML 25Page - STMicroelectronics TS487-1 Datasheet HTML 26Page - STMicroelectronics TS487-1 Datasheet HTML 27Page - STMicroelectronics TS487-1 Datasheet HTML 28Page - STMicroelectronics TS487-1 Datasheet HTML 29Page - STMicroelectronics TS487-1 Datasheet HTML 30Page - STMicroelectronics TS487-1 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
TS486-TS487
28/31
and for various values of the input resistor RIN .
The input resistance of the fixed gain version is
typically 20k
Ω.
The following curve shows the limits of the roll off
frequency depending on the min. and max. values
of Rin:
LOW FREQUENCY ROLL OFF WITH OUTPUT
CAPACITORS
The DC voltage on the outputs of the TS486/487
is blocked by the output capacitors COUT1 and
COUT2 . Each output capacitor COUT in series with
the resistance of the load RL is equivalent to a first
order high pass filter.
Assuming that Fmin is the lowest frequency to be
amplified (with a 3dB attenuation), the minimum
value of COUT is:
COUT > 1 / (2*π*Fmin*RL)
The following curve gives directly the low roll-off
frequency versus the output capacitor COUT in µF
and for the two typical 16
Ω and 32Ω impedances:
DECOUPLING CAPACITOR CB
The internal bias voltage at Vcc/2 is decoupled
with the external capacitor CB.
The TS486 and TS487 have a specified Power
Supply Rejection Ratio parameter with CB = 1µF.
A higher value of CB improves the PSRR, for
example, a 4.7µF improves the PSRR by 15dB at
200Hz (please, refer to fig. 76 "PSRR vs Bypass
Capacitor").
POP PRECAUTIONS
Generally headphones are connected using a
connector as a jack. To prevent a pop in the
headphones when plugged in the jack, a resistor
should be
connected in
parallel with
each
headphone output. This allows the capacitors
Cout to be charged even when no headphone is
plugged.
A resistor of 1 k
Ω is high enough to be a negligible
load, and low enough to charge the capacitors
Cout in less than one second.
0.01
0.1
1
10
1
10
100
1000
Rin = 100k
Ω
Rin = 20k
Ω and
fixed gain versions
Rin = 10k
Ω
Rin = 1k
Ω
Cin (µF)
Ω
Ω
Ω
10
100
1000
10000
1
10
100
1000
RL = 16
Ω
RL = 32
Ω
C
OUT
( F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com