Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33937 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33937
Description  Three Phase Field Effect Transistor Pre-driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33937 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33937 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33937
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 8.0 V
≤ VPWR = VSUP ≤ 40 V, -40°C ≤ TA ≤ 135°C, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
INTERNAL REGULATORS
VDD Power-Up Time (Until INT High)
8.0 V
≤ VPWR (36)
tPU_VDD
–
–
2.0
ms
VLS Power-Up Time
16 V
≤ VPWR (37)
tPU_VDD
–
–
2.0
ms
CHARGE PUMP
Charge Pump Oscillator Frequency
FOSC
90
125
190
kHz
Charge Pump Slew Rate(38)
SRCP
–
100
–
V/µs
GATE DRIVE
High Side Turn On Time(39)
Transition Time from 1.0 to 10 V, Load: C = 500 pF, Rg = 0, (Figure 7)
tONH
–
20
35
ns
High Side Turn On Delay(40)
Delay from Command to 1.0 V, (Figure 7)
tD_ONH
130
265
386
ns
High Side Turn Off Time(39)
Transition Time from 10 to 1.0 V, Load: C = 500 pF, Rg = 0, (Figure 8)
tOFFH
–
20
35
ns
High Side Turn Off Delay(40)
Delay from Command to 10 V, (Figure 8)
tD_OFFH
130
265
386
ns
Low Side Turn On Time(39)
Transition Time from 1.0 to 10 V, Load: C = 500 pF, Rg = 0, (Figure 7)
tONL
–
20
35
ns
Low Side Turn On Delay(40)
Delay from Command to 1.0 V, (Figure 7)
tD_ONL
130
265
386
ns
Low Side Turn Off Time(39)
Transition Time from 10 to 1.0 V, Load: C = 500 pF, Rg = 0, (Figure 8)
tOFFL
–
20
35
ns
Low Side Turn Off Delay(40)
Delay from Command to 10 V, (Figure 8)
tD_OFFL
130
265
386
ns
Same Phase Command Delay Match(41)
tD_DIFF
-20
0
+20
ns
Thermal Filter Duration (42)
tDUR
8.0
–
30
µs
Notes
36.
The power-up time of the IC depends in part on the time required for this regulator to charge up the external filter capacitor on VDD.
37.
The power-up time of the IC depends in part on the time required for this regulator to charge up the external filter capacitors on VLS and
VLS_CAP. This delay includes the expected time for VDD to rise.
38.
The charge pump operating at 12 V VSYS, 1.0μF pump capacitor, MUR120 diodes and 47 µF filter capacitor.
39.
This parameter is guaranteed by characterization, not production tested.
40.
These delays include all logic delays except deadtime. All internal logic is synchronous with the internal clock. The total delay includes
one clock period for state machine decision block, an additional clock period for FULLON mux logic, input synchronization time and
output driver propagation delay. Subtract one clock period for operation in FULLON mode which bypasses the state machine decision
block. Synchronization time accounts for up to one clock period of variation. See Figure 6.
41.
The maximum separation or overlap of the High and Low Side gate drives, due to propagation delays when commanding one ON and
the other OFF simultaneously, is guaranteed by design.
42.
The output of the overtemperature comparator goes through a digital filter before generating a warning or interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com