Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5513 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5513
Description  1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5513 Datasheet HTML 17Page - Analog Devices ADL5513 Datasheet HTML 18Page - Analog Devices ADL5513 Datasheet HTML 19Page - Analog Devices ADL5513 Datasheet HTML 20Page - Analog Devices ADL5513 Datasheet HTML 21Page - Analog Devices ADL5513 Datasheet HTML 22Page - Analog Devices ADL5513 Datasheet HTML 23Page - Analog Devices ADL5513 Datasheet HTML 24Page - Analog Devices ADL5513 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ADL5513
Rev. 0 | Page 21 of 28
1
VPOS
2 INHI
3 INLO
4
VPOS
11
VSET
12
VOUT
TADJ
10
COMM
9
ADL5513
VPS1
VPS1
VPS2
VPS2
COM1
INHI
INLO
COM1
OPLO
OPHI
COM2
COM2
ADL5330
VPOS
VPOS
0
Ω
0
Ω
0
Ω
0
Ω
0
Ω
0
Ω
5V
100pF
5V
100pF
1nF
1nF
100pF
GAIN
10k
Ω
SMA
SW1
100pF
T1
100pF
VPOS
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
100pF
100pF
VPOS
120nH
120nH
100pF
100pF
T2
Z1
GND
1k
Ω
47nF
100pF
C7
1000pF
0.1uF
100pF
47nF
52.3
Ω
0.1uF
VTADJ
5V
5V
DIRECTIONAL
COUPLER
20dB
RFOUT
VSET = 0.65V
INPUT
AD8062
10k
Ω
10k
Ω
10k
Ω
10k
Ω
10k
Ω
5V
20k
Ω
5V
Figure 44. Schematic of the ADL5513 Operating in Controller Mode to Provide Automatic Gain Control Functionality in Combination with the ADL5330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com