Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34674CEP/R2 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MC34674CEP/R2
Description  High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34674CEP/R2 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MC34674CEP/R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC34674CEP/R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC34674CEP/R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC34674CEP/R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC34674CEP/R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC34674CEP/R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC34674CEP/R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC34674CEP/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC34674CEP/R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
34674
TYPICAL APPLICATIONS
INTRODUCTION
When the battery voltage rises above the trickle charge
threshold, the charger enters the CC-mode. The MC34674
tries to raise the charge current to the internally set reference,
such as 1.05 A, by enhancing the power MOSFET. However,
since the current provided by the AC/DC regulator is limited
and can never reach the set reference, the charger will keep
enhancing the MOSFET until it is fully enhanced and is fully
turned on. In this mode, the internal power MOSFET behaves
as a switch instead of a linearly regulating device. The
voltage difference between the input and the output is
determined by the on resistance, RDS(ON), of the power
MOSFET and the limited output current of the ad/dc
regulator.
The power dissipation, PD, in the MOSFET can be calculated
as,
The charge current in CC-mode is not determined by the
MC34674, instead, it is determined by the AC/DC regulator
current limit, ILIM, which is a value lower than the charger
internally set current reference. The internally set current
reference is used as a secondary protection threshold, in
case if an AC/DC regulator with a wrong current limit is
connected to the input.
The key advantage of using the MC34674 with a current-
limited AC/DC regulator is the significant reduction of the
power dissipation during the CC-mode. Figure 26 illustrates
the small voltage difference between the input and the output
of the charger, which is directly proportional to the power
dissipation.
When entering the CC-mode, the charger output I/V
trajectory jumps from point b to c and then moves from c to d
as the battery voltage rises to 4.2 V. The AC/DC regulator
output trajectory moves from B to C, as shown in Figure 25.
When the battery voltage reaches the target 4.2V, the
charger enters the CV-mode. The charge current starts to
decline and the AC/DC regulator output enters its constant-
voltage mode. The charger then operates as a regular linear
charger again until the charging completes. The battery I/V
trajectory moves from d to the EOC moment (point e) while
the AC/DC regulator output trajectory jumps from C to D and
then moves to E at the EOC moment.
BALANCING YELLOW COLOR IN LED
The red and the green colors in the LED are driven by two
matched 6.0 mA current sources. Such design ensured a
consistent brightness of the LED over a large range of the
input voltage. When both colors are turned on, the resulting
color should be yellow. One can adjust the resulting color by
adjusting the brightness of the individual color. A resistor can
be added to reduce the brightness of one color, such as the
R1 shown in Figure 27.
Figure 27. LED Color Balancing Scheme.
INPUT CAPACITOR
The input capacitor is used to reduce the input voltage
transient that may cause instability. A 1.0
μF, X5R, 16 V
rated ceramic capacitor is recommended for most
applications.
OUTPUT CAPACITOR
For stable operation, an X5R ceramic capacitor with a
minimum 1.0
μF nominal value is recommended at the
output. The output capacitance should not be larger than
240
μF to allow the 585 μA current to discharge the capacitor
voltage to the recharge threshold within 82 ms.
NTC INTERFACE DESIGN
The NTC interface is designed to be able to work with most
types of NTC thermistors. This section describes in details
how to select the two resistors RU and RS shown in
Figure 19. In addition, the hysteresis and the tolerance of the
temperature thresholds are discussed. The
NCP15W104F03RC from Murata is used as an example for
the calculations in this section. The partial temperature
characteristics of the NCP15W104F03RC are given in
Table 7.
Table 7. NTC Thermistor Temperature Characteristics.
V
IN
V
OUT
–I
LIM
R
DS ON
()
×
=
P
D
I
LIM
I
LIM
R
DS ON
()
×
×
=
Temp (°C)
R-low (k
Ω)
R-center (k
Ω)
R-high (k
Ω)
-2
389.2453
398.6521
408.2455
-1
368.4960
377.1927
386.0560
0
348.9722
357.0117
365.1999
2
313.2543
320.1216
327.1067
3
296.9408
303.2866
309.7370
...
46
38.4596
39.2132
39.9778
47
36.8626
37.6010
28.3503
50
32.5022
33.1946
33.8983
53
28.7183
29.3660
30.0253
54
27.5694
28.2026
28.8474
GRN
VIN
RED
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com