Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2108ACBZ-1.0-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP2108ACBZ-1.0-R7
Description  Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2108ACBZ-1.0-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP2108ACBZ-1.0-R7 Datasheet HTML 8Page - Analog Devices ADP2108ACBZ-1.0-R7 Datasheet HTML 9Page - Analog Devices ADP2108ACBZ-1.0-R7 Datasheet HTML 10Page - Analog Devices ADP2108ACBZ-1.0-R7 Datasheet HTML 11Page - Analog Devices ADP2108ACBZ-1.0-R7 Datasheet HTML 12Page - Analog Devices ADP2108ACBZ-1.0-R7 Datasheet HTML 13Page - Analog Devices ADP2108ACBZ-1.0-R7 Datasheet HTML 14Page - Analog Devices ADP2108ACBZ-1.0-R7 Datasheet HTML 15Page - Analog Devices ADP2108ACBZ-1.0-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ADP2108
Rev. A | Page 15 of 16
EVALUATION BOARD
VOUT
GND OUT
VOUT
ADP2108
TB3
TB4
COUT
10µF
L1
1µH
U1
1
B
C2
A1
VIN
C1
A2
GND
2
CIN
4.7µF
VIN
EN
EN
VIN
SW
FB
EN
TB1
TB2
GND IN
TB5
Figure 30. Evaluation Board Schematic
Figure 31. Recommended Top Layer
Figure 32. Recommended Bottom Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com