Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5501 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP5501
Description  Programmable Current Backlight Driver with Ambient Light Sensor Input
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5501 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP5501 Datasheet HTML 9Page - Analog Devices ADP5501 Datasheet HTML 10Page - Analog Devices ADP5501 Datasheet HTML 11Page - Analog Devices ADP5501 Datasheet HTML 12Page - Analog Devices ADP5501 Datasheet HTML 13Page - Analog Devices ADP5501 Datasheet HTML 14Page - Analog Devices ADP5501 Datasheet HTML 15Page - Analog Devices ADP5501 Datasheet HTML 16Page - Analog Devices ADP5501 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ADP5501
Rev. 0 | Page 13 of
30.0
27.5
25.0
22.5
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
0
28
FADE OVERRIDE
A fade override feature allows the BL_FI and BL_FO timers to
be overridden when the BL_EN bit is reasserted (by the user
setting the FOVR bit in Register 0x02) during a fade-in or fade-
out period and to set the backlight to its maximum setting.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
FADE-OUT TIME (Sec)
0.3 SEC
0.6 SEC
0.9 SEC
1.2 SEC
1.5 SEC
1.8 SEC
2.1 SEC
2.4 SEC
2.7 SEC
3.0 SEC
3.5 SEC
4.0 SEC
4.5 SEC
5.0 SEC
5.5 SEC
MAX
BACKLIGHT
CURRENT
BL_EN = 1
BL_EN = 0
BL_EN = 0
BL_EN = 1
(REASSERTED BY USER )
BL_EN = 1
(REASSERTED BY USER)
FADE-OUT
OVERRIDDEN
FADE-IN
OVERRIDDEN
Figure 26. Fade Override
ADVANCED FADING (SQUARE)
Although the default linear fade algorithm gives a smooth
increase and decrease in backlight current, the resulting
increase and decrease in brightness still appear visually abrupt.
For example, for a given fade-in time, the eye notices an initial
increase in brightness as backlight current is increased but
cannot perceive much more increase in brightness as backlight
current is increased to maximum.
The reason for this is that the eye perceives changes in light
when the brightness of the light source is changed logarithmically
(Weber-Fechner law). To provide a more natural fading exper-
ience to the user, the fade timers can be used in conjunction with
the square law approximation backlight codes (see Equation 2)
by setting BL_LAW = 01 in Register 0x02.
30.0
27.5
25.0
22.5
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
FADE-IN TIME (Sec)
2.1 SEC
2.4 SEC
2.7 SEC
3.0 SEC
3.5 SEC
4.0 SEC
4.5 SEC
5.0 SEC
5.5 SEC
0.3 SEC
0.6 SEC
0.9 SEC
1.2 SEC
1.5 SEC
1.8 SEC
Figure 27. Square Law Fade-In Times
Figure 28. Square Law Fade-Out Times
ADVANCED FADING (CUBIC 1 AND CUBIC 2)
Two additional advanced settings in Register 0x02 are available
for fading the backlight brightness levels, Cubic 1 (BL_LAW = 10)
and Cubic 2 (BL_LAW = 11). As shown in the backlight bright-
ness control block diagram in Figure 14, linear fading and
square fading are implemented by ramping the 128 linear/square
algorithm codes at a fixed frequency over the duration of a
given fade-in/fade-out time.
Cubic fading is implemented by re-using the square algorithm
codes but ramping them with a clock source whose frequency
output increases as the sink current code increases (see Figure 29).
Cubic 1 and Cubic 2 have different frequency vs. code charac-
teristics.
BST
DARK_MAX
DAYLIGHT_MAX
DAYLIGHT_DIM
OFFICE_MAX
OFFICE_DIM
BL_VALUE
MUX
DARK_DIM
COUNTERS
AND
CONTROL
LOGIC
BL_DIMT
BL_FI
BL_FO
BL_EN
DIM_EN
BL_OFFT
BL_LAW
CLOCK
GENERATOR
BL_LVL
BL_SNK
Figure 29. Backlight Brightness Control (Cubic)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com