Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4900IS Datasheet(PDF) 13 Page - STMicroelectronics

Part # TS4900IS
Description  300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4900IS Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TS4900IS Datasheet HTML 9Page - STMicroelectronics TS4900IS Datasheet HTML 10Page - STMicroelectronics TS4900IS Datasheet HTML 11Page - STMicroelectronics TS4900IS Datasheet HTML 12Page - STMicroelectronics TS4900IS Datasheet HTML 13Page - STMicroelectronics TS4900IS Datasheet HTML 14Page - STMicroelectronics TS4900IS Datasheet HTML 15Page - STMicroelectronics TS4900IS Datasheet HTML 16Page - STMicroelectronics TS4900IS Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
TS4900
13/19
Fig. 44 : Signal to Noise Ratio vs Power Supply
with Unweighted Filter (20Hz to 20kHz)
Fig. 46 : Signal to Noise Ratio vs Power Supply
with Weighted Filter type A
Fig. 48 : Current Consumption vs Power
Supply Voltage
Fig. 45 : Signal to Noise Ratio Vs Power Supply
with Unweighted Filter (20Hz to 20kHz)
Fig. 47 : Signal to Noise Ratio vs Power Supply
with Weighted Filter Type A
Fig. 49 : Current Consumption vs Standby
Voltage @ Vcc = 5V
2.5
3.0
3.5
4.0
4.5
5.0
50
60
70
80
90
100
RL=8
RL=4
RL=16
Gv = 2
Cb = Cin = 1µF
THD+N < 0.4%
Tamb = 25°C
Vcc (V)
2.5
3.0
3.5
4.0
4.5
5.0
60
70
80
90
100
110
RL=8
RL=4
RL=16
Gv = 2
Cb = Cin = 1µF
THD+N < 0.4%
Tamb = 25°C
Vcc (V)
012
345
0
1
2
3
4
5
6
7
Vstandby = 0V
Tamb = 25°C
Vcc (V)
2.5
3.0
3.5
4.0
4.5
5.0
50
60
70
80
90
RL=16
RL=4
RL=8
Gv = 10
Cb = Cin = 1µF
THD+N < 0.7%
Tamb = 25°C
Vcc (V)
2.5
3.0
3.5
4.0
4.5
5.0
50
60
70
80
90
RL=16
RL=4
RL=8
Gv = 10
Cb = Cin = 1µF
THD+N < 0.7%
Tamb = 25°C
Vcc (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
1
2
3
4
5
6
7
Vcc = 5V
Tamb = 25°C
Vstandby (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com