Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4902ID Datasheet(PDF) 19 Page - STMicroelectronics

Part # TS4902ID
Description  300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4902ID Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TS4902ID Datasheet HTML 11Page - STMicroelectronics TS4902ID Datasheet HTML 12Page - STMicroelectronics TS4902ID Datasheet HTML 13Page - STMicroelectronics TS4902ID Datasheet HTML 14Page - STMicroelectronics TS4902ID Datasheet HTML 15Page - STMicroelectronics TS4902ID Datasheet HTML 16Page - STMicroelectronics TS4902ID Datasheet HTML 17Page - STMicroelectronics TS4902ID Datasheet HTML 18Page - STMicroelectronics TS4902ID Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
TS4902
19/19
PACKAGE MECHANICAL DATA
8 PINS - PLASTIC MICROPACKAGE (miniSO)
Dim.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.100
0.043
A1
0.050
0.100
0.150
0.002
0.004
0.006
A2
0.780
0.860
0.940
0.031
0.034
0.037
b
0.250
0.330
0.400
0.010
0.013
0.016
c
0.130
0.180
0.230
0.005
0.007
0.009
D
2.900
3.000
3.100
0.114
0.118
0.122
E
4.750
4.900
5.050
0.187
0.193
0.199
E1
2.900
3.000
3.100
0.114
0.118
0.122
e
0.650
0.026
L
0.400
0.550
0.700
0.016
0.022
0.028
L1
0.950
0.037
k
0d3d6d
0d3d
6d
ccc
0.100
0.004
0,25mm
.010inch
GAGEPLANE
E
A
A2
A1
k
c
1
4
8
5
PIN1IDENTIFICA TION
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from
its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information
previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or
systems without express written approval of STMicroelectronics.
© The ST logo is a registered trademark of STMicroelectronics
© 2002 STMicroelectronics - Printed in Italy - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States
© http://www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com