Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EQXP-PC52 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # EQXP-PC52
Description  LVPECL 5x3.2mm 2.5V OSCILLATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

EQXP-PC52 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  EQXP-PC52 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EURO QUARTZ
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk
EQXP-PC52 SERIES
Description
The XPRESSO range of fully configurable oscillators utilizes a
family of proprietary ASICs developed for noise reduction to
provide oscillators with noise levels comparable to traditional
bulk-produced quartz and SAW-based oscillators.
XPRESSO oscillators are low-cost, low-noise, with a wide
frequency range, excellent ambient performance and
available on very short leadtimes. All XPRESSO oscillators
are 100% final tested .
·
Extremely low jitter
·
Low cost
·
Express delivery
·
Stability from ±20ppm, -40 to +85°C
·
RoHS compliant
·
Serial ID with comprehensive traceability
Features
OUTLINE & DIMENSIONS
Frequency Range:
0.750MHz ~ 1.0GHz
Frequency stability:
from ±20ppm to ±100ppm
Operating Temperature Range:
-40° ~ +85°C
Storage Temperature Range:
-55° ~ +125°C
Supply Voltage:
+2.5 Volts ±5%
Input Current
0.75 ~ 20.0MHz:
33mA
20+ ~ 220.0MHz:
41mA
220+ ~ 630.0MHz:
63mA
630+ ~ 1.0GHz:
72mA
Output Load:
50W into Vdd-2VDC, typical
Start-up Time:
10ms
Output Enable/Disable Time:
100ns
Moisture Sensitivity Level:
1
Termination Finish:
Au
Output Low Voltage:
0.68V typical
Output High Voltage:
1.4 Volts typical
Output Symmetry:
45/55%
Output Enable Voltage:
>70% Vdd
Output Disable Voltage:
<30% Vdd
Rise/Fall Time:
400ps
Maximum Soldering Parameters:
260°C for 10 seconds
Electrical Specification
LVPECL 5x3.2mm 2.5V OSCILLATOR
Freq: 0.75MHz to 1.0GHz
62.5
2.10
3.1
1.35
10.5
30.5
156.25
1.20
3.5
1.36
10.0
29.3
212.50
1.27
4.2
1.33
11.8
30.8
622.08
1.68
3.7
1.06
8.3
23.4
Frequency
(MHz)
Phase Jitter
(12kHz~20MHz)
(ps RMS)
Time Interval Error
s
of jitter distribution
(ps RMS)
Rj/Dj Composition
Random
Jitter (Rj)
(ps RMS)
Deterministic
Jitter (Dj)
(ps p-p)
Total Jitter (Tj)
(14*Rj)+Dj
(ps)
Jitter Measurements
Typical applications
·
Any application requiring an oscillator.
·
SONET
·
Ethernet
·
Storage Area Networks
·
Broadband Access
·
Microprocessors/DSP/FPGA
·
Industrial Controllers
·
Test and measurement
·
Fibre Channel
EQXP - P C 5 2 6 R - 622.080000
P = LVPECL
C = Ceramic
5 = 5x3.2mm
2 = 2.5V
0 = ±100ppm
5 + ±50ppm
6 = ±25ppm
8 = ±20ppm (-20~+70 only)
Blank = -20~+70°C
R = -40 ~ +85°C
Frequency
Model Selection Guide
Supply Format
Tape and Reel, 12mm tape,
8.0mm pitch,
1k reel = 178mmØ
2k reel = 255mmØ


Similar Part No. - EQXP-PC52

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EQXP-PC53 EUROQUARTZ-EQXP-PC53 Datasheet
165Kb / 1P
LVPECL 5x3.2mm 3.3V OSCILLATOR
EQXP-PC536-622.080000 EUROQUARTZ-EQXP-PC536-622.080000 Datasheet
165Kb / 1P
LVPECL 5x3.2mm 3.3V OSCILLATOR
EQXP-PC536R-622.080000 EUROQUARTZ-EQXP-PC536R-622.080000 Datasheet
165Kb / 1P
LVPECL 5x3.2mm 3.3V OSCILLATOR
More results

Similar Description - EQXP-PC52

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F547 FOX-F547 Datasheet
220Kb / 2P
HCMOS 5x3.2mm 2.5V SMD Oscillator
F540L FOX-F540L Datasheet
166Kb / 2P
HCMOS 5x3.2mm 2.5V SMD Oscillator
logo
EUROQUARTZ limited
EQVP-PC52 EUROQUARTZ-EQVP-PC52 Datasheet
165Kb / 1P
LVPECL 5x3.2mm 2.5V VCXO
EQXP-HC52 EUROQUARTZ-EQXP-HC52 Datasheet
166Kb / 1P
HCMOS 5x3.2mm 2.5V OSCILLATOR
EQXP-LC52 EUROQUARTZ-EQXP-LC52 Datasheet
165Kb / 1P
LVDS 5x3.2mm 2.5V OSCILLATOR
EQXP-PC53 EUROQUARTZ-EQXP-PC53 Datasheet
165Kb / 1P
LVPECL 5x3.2mm 3.3V OSCILLATOR
logo
Connor-Winfield Corpora...
7222 CONNOR-WINFIELD-7222 Datasheet
221Kb / 2P
2.5V SURFACE MOUNT 5x3.2mm LVCMOS FIXED FREQUENCY OSCILLATOR OSCILLATOR
logo
Fox Electronics
FSS52 FOX-FSS52 Datasheet
439Kb / 3P
HCMOS 5x3.2mm 2.5V SMD Oscillator
F547F549 FOX-F547F549 Datasheet
203Kb / 2P
HCMOS 5x3.2mm 2.5V SMD Oscillator
O5PS FOX-O5PS Datasheet
249Kb / 3P
5x3.2mm LVPECL SMD Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com