Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3200ASWZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADV3200ASWZ
Description  300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3200ASWZ Datasheet(HTML) 1 Page - Analog Devices

  ADV3200ASWZ Datasheet HTML 1Page - Analog Devices ADV3200ASWZ Datasheet HTML 2Page - Analog Devices ADV3200ASWZ Datasheet HTML 3Page - Analog Devices ADV3200ASWZ Datasheet HTML 4Page - Analog Devices ADV3200ASWZ Datasheet HTML 5Page - Analog Devices ADV3200ASWZ Datasheet HTML 6Page - Analog Devices ADV3200ASWZ Datasheet HTML 7Page - Analog Devices ADV3200ASWZ Datasheet HTML 8Page - Analog Devices ADV3200ASWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
300 MHz, 32 × 32 Buffered
Analog Crosspoint Switch
ADV3200/ADV3201
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Large, 32 × 32, nonblocking switch array
G = +1 (ADV3200) or G = +2 (ADV3201) operation
Pin-compatible 32 × 16 versions available
(ADV3202/ADV3203)
Single 5 V supply, dual ±2.5 V supply, or
dual ±3.3 V supply (G = +2)
Serial programming of switch array
2:1 OSD insertion mux per output
Input sync-tip clamp
High impedance output disable allows connection of
multiple devices with minimal output bus load
Excellent video performance
60 MHz, 0.1 dB gain flatness
0.1% differential gain error (RL = 150 Ω)
0.1° differential phase error (RL = 150 Ω)
Excellent ac performance
Bandwidth: >300 MHz
Slew rate: >400 V/μs
Low power: 1.25 W
Low all hostile crosstalk of −48 dB @ 5 MHz
Reset pin allows disabling of all outputs
Connected through a capacitor to ground, provides
power-on reset capability
176-lead exposed pad LQFP (24 mm × 24 mm)
APPLICATIONS
CCTV surveillance
Routing of high speed signals including
Composite video (NTSC, PAL, S, SECAM)
RGB and component video routing
Compressed video (MPEG, Wavelet)
Video conferencing
FUNCTIONAL BLOCK DIAGRAM
DGND
DVCC
VNEG
VPOS
DATA
OUT
ENABLE/
DISABLE
193-BIT SHIFT REGISTER
PARALLEL LATCH
32 × 5:32
DECODERS
ADV3200
(ADV3201)
OUTPUT
BUFFER
G = +1
(G = +2)
ENABLE/
BYPASS
32
193
192
1024
SYNC-TIP
CLAMP
SWITCH
MATRIX
OSD
MUX
32
OUTPUTS
32
INPUTS
..
.
..
.
..
.
..
.
32
32
REFERENCE
CLK
DATA IN
VCLAMP
VREF
OSD
INPUTS
OSD
SWITCHES
UPDATE
CS
RESET
Figure 1.
GENERAL DESCRIPTION
The ADV3200/ADV3201 are 32 × 32 analog crosspoint switch
matrices. They feature a selectable sync-tip clamp input for
ac-coupled applications and an on-screen display (OSD)
insertion mux. With −48 dB of crosstalk and −80 dB isolation
at 5 MHz, the ADV3200/ADV3201 are useful in many high
density routing applications. The 0.1 dB flatness out to 60 MHz
makes the ADV3200/ADV3201 ideal for composite video
switching.
The 32 independent output buffers of the ADV3200/ADV3201
can be placed into a high impedance state for paralleling cross-
point outputs so that off channels present minimal loading to
an output bus if building a larger array. The part is available
in a gain of +1 (ADV3200) or +2 (ADV3201) for ease of use in
back-terminated load applications. A single 5 V supply, dual
±2.5 V supplies, or dual ±3.3 V supplies (G = +2) can be used
while consuming only 250 mA of idle current with all outputs
enabled. The channel switching is performed via a double
buffered, serial digital control, which can accommodate daisy
chaining of several devices.
The ADV3200/ADV3201 are packaged in a 176-lead exposed
pad LQFP (24 mm × 24 mm) and are available over the
extended industrial temperature range of −40°C to +85°C.


Similar Part No. - ADV3200ASWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
ADV3202ASWZ AD-ADV3202ASWZ Datasheet
431Kb / 20P
300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
ADV3203 AD-ADV3203 Datasheet
431Kb / 20P
300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
ADV3203ASWZ AD-ADV3203ASWZ Datasheet
431Kb / 20P
300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
ADV3205 AD-ADV3205 Datasheet
341Kb / 20P
60 MHz, G = 2, 16 횞 16
REV. 0
More results

Similar Description - ADV3200ASWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8106 AD-AD8106 Datasheet
571Kb / 28P
260 MHz, 16 횞 5 Buffered Video Crosspoint Switches
3/06-Revision 0
AD8117 AD-AD8117_07 Datasheet
1,021Kb / 36P
600 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
REV. A
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
AD8108 AD-AD8108_05 Datasheet
994Kb / 33P
325 MHz, 8 횞 8 Buffered Video Crosspoint Switches
REV. B
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
AD8105 AD-AD8105_15 Datasheet
1,017Kb / 36P
Analog Crosspoint Switch
REV. 0
AD8117 AD-AD8117_15 Datasheet
1,022Kb / 36P
Analog Crosspoint Switch
REV. A
AD8104 AD-AD8104 Datasheet
879Kb / 36P
600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
REV. A
AD8117 AD-AD8117_16 Datasheet
935Kb / 36P
Buffered Analog Crosspoint Switch
5/16-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com