Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2319 Datasheet(PDF) 13 Page - Analog Devices

Part # SSM2319
Description  Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2319 Datasheet(HTML) 13 Page - Analog Devices

Back Button SSM2319 Datasheet HTML 9Page - Analog Devices SSM2319 Datasheet HTML 10Page - Analog Devices SSM2319 Datasheet HTML 11Page - Analog Devices SSM2319 Datasheet HTML 12Page - Analog Devices SSM2319 Datasheet HTML 13Page - Analog Devices SSM2319 Datasheet HTML 14Page - Analog Devices SSM2319 Datasheet HTML 15Page - Analog Devices SSM2319 Datasheet HTML 16Page - Analog Devices SSM2319 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
SSM2319
Rev. 0 | Page 13 of 20
OUT+
STANDALONE
MASTER
SLAVE
OUT–
MODULATOR
(Σ-Δ)
SYNCI
SYNCO
SYNC
INPUT
SYNC
OUTPUT
SSM2319
FET
DRIVER
SYNC
INTERNAL
OSCILLATOR
OUT+
OUT–
MODULATOR
(Σ-Δ)
SYNCI
TO SLAVE
NOTES
1. TRACE LENGTH FROM SYNCI TO SYNCO IS LESS THAN 1mm.
SYNCO
SYNC
INPUT
SYNC
OUTPUT
SSM2319
FET
DRIVER
SYNC
INTERNAL
OSCILLATOR
OUT+
OUT–
MODULATOR
(Σ-Δ)
SYNCI
FROM MASTER
SYNCO
SYNC
INPUT
SYNC
OUTPUT
SSM2319
FET
DRIVER
SYNC
INTERNAL
OSCILLATOR
Figure 34. Synchronization Operation Modes
OUT+
SLAVE 1
MASTER
SLAVE 2
OUT–
MODULATOR
(Σ-Δ)
SYNCI
SYNCO
SYNC
INPUT
SYNC
OUTPUT
SSM2319
FET
DRIVER
SYNC
INTERNAL
OSCILLATOR
OUT+
OUT–
MODULATOR
(Σ-Δ)
SYNCI
SYNCO
SYNC
INPUT
SYNC
OUTPUT
SSM2319
FET
DRIVER
SYNC
INTERNAL
OSCILLATOR
OUT+
OUT–
MODULATOR
(Σ-Δ)
SYNCI
SYNCO
SYNC
INPUT
SYNC
OUTPUT
SSM2319
FET
DRIVER
SYNC
INTERNAL
OSCILLATOR
Figure 35. Typical SYNC Master-Slave Daisy-Chain Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com