Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2319CBZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # SSM2319CBZ-R2
Description  Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2319CBZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button SSM2319CBZ-R2 Datasheet HTML 8Page - Analog Devices SSM2319CBZ-R2 Datasheet HTML 9Page - Analog Devices SSM2319CBZ-R2 Datasheet HTML 10Page - Analog Devices SSM2319CBZ-R2 Datasheet HTML 11Page - Analog Devices SSM2319CBZ-R2 Datasheet HTML 12Page - Analog Devices SSM2319CBZ-R2 Datasheet HTML 13Page - Analog Devices SSM2319CBZ-R2 Datasheet HTML 14Page - Analog Devices SSM2319CBZ-R2 Datasheet HTML 15Page - Analog Devices SSM2319CBZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
SSM2319
Rev. 0 | Page 12 of 20
TYPICAL APPLICATION CIRCUITS
0.1µF
VBATT
2.5V TO 5.5V
10µF
EXTERNAL GAIN SETTINGS = 160kΩ/(40kΩ + REXT)
0.1µF*
0.1µF*
AUDIO IN+
AUDIO IN–
REXT
REXT
SHUTDOWN
VDD
POP/CLICK
SUPPRESSION
OUT+
OUT–
IN–
IN+
MODULATOR
(Σ-Δ)
GND
SYNC OUTPUT
*INPUT CAPACITORS ARE OPTIONAL IF INPUT DC COMMON-MODE
VOLTAGE IS APPROXIMATELY VDD/2.
SD
SSM2319
40kΩ
160kΩ
160kΩ
40kΩ
FET
DRIVER
BIAS
INTERNAL
OSCILLATOR
SYNCI
SYNCO
SYNC INPUT
SYNC
Figure 32. Differential Input Configuration, User-Adjustable Gain
0.1µF
VBATT
2.5V TO 5.5V
10µF
EXTERNAL GAIN SETTINGS = 160kΩ/(40kΩ + REXT)
0.1µF
0.1µF
AUDIO IN+
REXT
REXT
SHUTDOWN
VDD
POP/CLICK
SUPPRESSION
OUT+
OUT–
IN–
IN+
MODULATOR
(Σ-Δ)
GND
SYNCI
SYNCO
SYNC INPUT
SYNC OUTPUT
SD
SSM2319
40kΩ
160kΩ
160kΩ
40kΩ
FET
DRIVER
BIAS
SYNC
INTERNAL
OSCILLATOR
Figure 33. Single-Ended Input Configuration, User-Adjustable Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com