Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5071N Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS5071N
Description  PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS5071N Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS5071N Datasheet HTML 8Page - STMicroelectronics TS5071N Datasheet HTML 9Page - STMicroelectronics TS5071N Datasheet HTML 10Page - STMicroelectronics TS5071N Datasheet HTML 11Page - STMicroelectronics TS5071N Datasheet HTML 12Page - STMicroelectronics TS5071N Datasheet HTML 13Page - STMicroelectronics TS5071N Datasheet HTML 14Page - STMicroelectronics TS5071N Datasheet HTML 15Page - STMicroelectronics TS5071N Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
HYBRID BALANCE FILTER
The Hybrid Balance Filter on COMBO IIG is a
programmable filter consisting of a second-order
Bi-Quad section, Hybal1, followed by a first-order
section, Hybal2, and a programmable attenuator.
Either of the filter sections can be bypassed if
only one is required to achieve good cancellation.
A selectable 180 degree inverting stage is in-
cluded to compensate for interface circuits which
also invert the transmit input relative to the re-
ceive output signal. The Bi-Quad is intended
mainly to balance low frequency signals across a
transformer SLIC, and the first order section to
balance midrange to higher audio frequency sig-
nals. The attenuator can be programmed to com-
pensate for VFROto VFXI echos in the range
of -2.5 to – 8.5 dB.
As a Bi-Quad, Hybal1 has a pair of low frequency
zeroes and a pair of complex conjugate poles.
When configuring the Bi-Quad, matching the
phase of the hybrid at low to midband frequencies
is most critical. Once the echo path is correctly
balanced in phase, the magnitude of the cancella-
tion signal can be corrected by the programmable
attenuator.
The Bi-Quad mode of Hybal1 is most suitable for
balancing interfaces with transformers having high
inductance of 1.5 Henries or more. An alternative
configuration for smaller transformers is available
by converting Hybal1 to a simple first-order section
with a single real low frequency pole and 0 Hz zero.
In this mode, the pole/zero frequency may be pro-
grammed.
Many line interfaces can be adequately balanced
by use of the Hybal1 section only, in which case
the Hybal2 filter should be de-selected to bypass
it.
Hybal2, the higher frequency first-order section, is
provided for balancing an electronic SLIC, and is
also helpful with a transformer SLIC in providing
additional phase correction for mid and high-band
frequencies, typically 1 kHz to 3.4 kHz. Such a
correction is particularly useful if the test balance
impedance includes a capacitor of 100 nF or less,
such as the loaded and non-loaded loop test net-
works in the United States. Independent place-
ment of the pole and zero location is provided.
Bit
State
Function
7
0
Disable Hybrid Balance Circuit Completely.
No internal cancellation is provided.
*
1
Enable Hybrid Balance Cancellation Path
6
0
Phase of the internal cancellation signal assumes inverted phase of the echo
path from VFROto VFXI.
1
Phase of the internal cancellation signal assumes no phase inversion in the line
interface.
5
0
Bypass Hybal 2 Filter Section
1
Enable Hybal 2 Filter Section
G4–G0
Attenuation Adjustment for the Magnitude of the Cancellation Signal. Range is
– 2.5 dB (00000) to – 8.5 dB (11000)
Table 9: Hybrid Balance Register 1 Byte 2 Instruction.
Notes:
1. Maximum level into 300
Ω ; 2. Maximum level into 600Ω;3. RL ≥15KΩ
(*) State at power on initialization
(*) State at power on initialization
Setting = Please refer to software TS5077 2
Bit Number
0dBm0 Test Leve at VFR0
7
6
5
4
3
2
1
0
In dBm (Into 600
Ω)
In Vrms (approx.)
0
0
0
0
0
0
0
0
No Output
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
0
– 17.3
– 17.2
0.106
0.107
1
0
1
0
1
1
1
0
0
0.775
1
1
1
1
0
0
1
1
+ 6.9 (note 1)
1.71
1
1
1
1
1
0
1
0
+ 7.6 (note 2)
1.86
1
1
1
1
1
1
1
1
+ 8.1 (note 3)
1.07
Table 8: Byte 2 of Receive Gain Instructions.
TS5070 - TS5071
12/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com