Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6745PTP2 Datasheet(PDF) 39 Page - Texas Instruments

Part # TMS320C6745PTP2
Description  Floating-point Digital Signal Processor
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6745PTP2 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320C6745PTP2 Datasheet HTML 35Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 36Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 37Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 38Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 39Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 40Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 41Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 42Page - Texas Instruments TMS320C6745PTP2 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 203 page
background image
4.4 Pin Multiplexing Control Registers
TMS320C6745/6747 Floating-point Digital Signal Processor
www.ti.com
SPRS377B – SEPTEMBER 2008 – REVISED DECEMBER 2008
completing the current operation then halting, or continuing operation. See the appropriate peripheral
documentation for specific details.
Since the SYSCFG peripheral controls global operation of the device, its registers are protected against
erroneous accesses by several mechanisms:
• A special key sequence must be written to KICK0, KICK1 registers before any other registers are
writeable.
–
Unlock sequence: write 0x83e70b13 to KICK0, then write 0x95A4F1E0 to KICK1
–
SYSCFG remains unlocked after the unlock sequence until locked again.
–
Any number of accesses may be performed while the module is unlocked
–
Locking the module is accomplished by writing any other value to either KICK0 or KICK1
• Additionally, many registers are accessible only by a host (DSP) when it is operating in its privileged
mode. (ex. from the kernel, but not from user space code).
Table 4-1. System Configuration (SYSCFG) Module Register Access
Offset
Acronym
Register Description
Access
0x01C1 4000
REVID
Revision Identification Register
—
0x01C14008 –
DIEIDR0-DIEDR3
Device Identification Register 0 - 3
—
0x01C1 4014
0x01C1 4020
BOOTCFG
Boot Configuration Register
Privileged mode
0x01C1 4038
KICK0R
Kick 0 Register
Privileged mode
0x01C1 403C
KICK1R
Kick 1 Register
Privileged mode
0x01C1 4040
HOST0CFG
Host 0 Configuration Register
—
0x01C1 4044
HOST1CFG
Host 1 Configuration Register
—
0x01C1 40E0
IRAWSTAT
Interrupt Raw Status/Set Register
Privileged mode
0x01C1 40E4
IENSTAT
Interrupt Enable Status/Clear Register
Privileged mode
0x01C1 40E8
IENSET
Interrupt Enable Register
Privileged mode
0x01C1 40EC
IENCLR
Interrupt Enable Clear Register
Privileged mode
0x01C1 40F0
EOI
End of Interrupt Register
Privileged mode
0x01C1 40F4
FLTADDRR
Fault Address Register
Privileged mode
0x01C1 40F8
FLTSTAT
Fault Status Register
—
0x01C1
MSTPRI0-MSTPRI2
Master Priority 0-2 Registers
Privileged mode
4110-0x01C1 4118
0x01C1
PINMUX0-PINMUX19
Pin Multiplexing Control 0-19 Registers
Privileged mode
4120-0x01C1 416C
0x01C1 4170
SUSPSRC
Suspend Source Register
Privileged mode
0x01C1 4174
CHIPSIG
Chip Signal Register
—
0x01C1 4178
CHIPSIG_CLR
Chip Signal Clear Register
—
0x01C1
CFGCHIP0-CFGCHIP4
Chip Configuration 0-4 Registers
Privileged mode
417C-0x01C1
418C
Device level pin multiplexing is controlled by registers PINMUX0 - PINMUX19 in the SYSCFG module.
For the 674x device family, pin multiplexing can be controlled on a pin-by-pin basis. Each pin that is
multiplexed with several different functions has a corresponding 4-bit field in one of the PINMUX registers.
Pin multiplexing selects which of several peripheral pin functions controls the pin's IO buffer output data
and output enable values only. The default pin multiplexing control for almost every pin is to select 'none'
of the peripheral functions in which case the pin's IO buffer is held tri-stated.
Submit Documentation Feedback
Device Configuration
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com