Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS522I Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS522I
Description  PRECISION LOW NOISE DUAL OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS522I Datasheet(HTML) 1 Page - STMicroelectronics

  TS522I Datasheet HTML 1Page - STMicroelectronics TS522I Datasheet HTML 2Page - STMicroelectronics TS522I Datasheet HTML 3Page - STMicroelectronics TS522I Datasheet HTML 4Page - STMicroelectronics TS522I Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS522
PRECISION LOW NOISE
DUAL OPERATIONAL AMPLIFIERS
September 1997
.
LOW INPUT OFFSET VOLTAGE 850
µV max.
.
LOW VOLTAGE NOISE : 4.5nV/
√√

Hz
.
HIGH GAIN BANDWIDTH PRODUCT : 15MHz
.
HIGH SLEW RATE : 7V/
µµs
.
LOW DISTORTION : 0.002%
.
ESD INTERNAL PROTECTION 2kV
N
DIP8
(Plastic Package)
DESCRIPTION
The TS522 is a monolithic dual operational ampli-
fier mainly dedicated to audio applications. The
TS522 offers a very low input offset voltage as well
as low voltage noise (4.5nV/
√
Hz ) and high dy-
namic performances (15MHz gain bandwidth prod-
uct, 7V/
µs slew rate).
The output stage allows a large output voltage
swing and symmetrical source and sink currents.
1
2
3
45
6
7
8
-
+
-
+
Output 1
Inverting input 1
Non-inverting input 1
V
CC
VCC
Output 2
Inverting input 2
Non-inverting input 2
-
+
PIN CONNECTIONS (top view)
D
SO8
(Plastic Micropackage)
ORDER CODES
Part Number
Temperature Range
Package
ND
TS522I
-40, +125
oC
••
1/5


Similar Part No. - TS522I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS522 STMICROELECTRONICS-TS522_01 Datasheet
297Kb / 8P
PRECISION LOW NOISE DUAL OPERATIONAL AMPLIFIERS
Nov-2001
More results

Similar Description - TS522I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
OP-270 LINER-OP-270 Datasheet
266Kb / 4P
Dual/Quad Low Noise, Precision Operational Amplifiers???
logo
National Semiconductor ...
LH0044 NSC-LH0044 Datasheet
220Kb / 8P
PRECISION LOW NOISE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS522 STMICROELECTRONICS-TS522_01 Datasheet
297Kb / 8P
PRECISION LOW NOISE DUAL OPERATIONAL AMPLIFIERS
Nov-2001
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
Precision Single and Dual Low Noise Operational Amplifiers
April 8, 2010
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
Precision Single and Dual Low Noise Operational Amplifiers
May 29, 2009
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
Precision Single and Dual Low Noise Operational Amplifiers
November 16, 2009
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
Precision Single and Dual Low Noise Operational Amplifiers
December 16, 2010
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
Precision Single and Dual Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com