Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS555I Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS555I
Description  LOW POWER SINGLE CMOS TIMERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS555I Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS555I Datasheet HTML 4Page - STMicroelectronics TS555I Datasheet HTML 5Page - STMicroelectronics TS555I Datasheet HTML 6Page - STMicroelectronics TS555I Datasheet HTML 7Page - STMicroelectronics TS555I Datasheet HTML 8Page - STMicroelectronics TS555I Datasheet HTML 9Page - STMicroelectronics TS555I Datasheet HTML 10Page - STMicroelectronics TS555I Datasheet HTML 11Page - STMicroelectronics TS555I Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ASTABLE OPERATION
When the circuit is connected as shown in figure 4
(pin 2 and 6 connected) it triggers itself and free
runs as a multivibrator. The external capacitor
charges through RA and RB an d discharges
through RB only. Thus the duty cycle may be pre-
cisely set by the ratio of these two resistors.
In the astable mode of operation, C charges and
discharges between 1/3 VCC and 2/3 VCC.As in the
triggered mode, the charge and discharge times
and therefore frequency, are independent of the
supply voltage.
Figure 5 shows actual waveforms generated in this
mode of operation.
The charge time (output HIGH) is given by :
t1 = 0.693 (RA +RB)C
and the discharge time (output LOW) by :
t2 = 0.693 (RB)C
Thus the total period T is given by :
T = t1 + t2 = 0.693 (RA +2RB)C
The frequency of oscillation is then :
f
= 1
T
=
1.44
(RA + 2RB)C
The duty cycle is given by : D
=
RB
RA + 2RB
VCC
Reset
Out
3
4
8
7
5
1
TS555
R
C
2
6
R
A
B
Control
Voltage
0.01 F
µ
Figure 4
Ω
Ω
µ
t = 0.5 ms / div
OUTPUT VOLTAGE = 5.0V/div
CAPACITOR VOLTAGE = 1.0V/div
L
R = R = 4.8 k , C = 0.1 F , R = 1.0k
AB
Figure 5
TS555C,I,M
9/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com