Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM14R1D-E20-R032S Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # EM14R1D-E20-R032S
Description  Rotary Optical Encoder w/Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

EM14R1D-E20-R032S Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  EM14R1D-E20-R032S Datasheet HTML 1Page - Bourns Electronic Solutions EM14R1D-E20-R032S Datasheet HTML 2Page - Bourns Electronic Solutions EM14R1D-E20-R032S Datasheet HTML 3Page - Bourns Electronic Solutions EM14R1D-E20-R032S Datasheet HTML 4Page - Bourns Electronic Solutions EM14R1D-E20-R032S Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EM14 - 14 mm Rotary Optical Encoder w/Switch
Electrical Block Diagram
Opto
ASIC
Ground
IRED
10k
10k
Channel A
Switch Terminal
Switch Terminal
Power
Channel B
–
A
1
2
+
B
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Quadrature Output
CHANNEL A
CW
CHANNEL B
CHANNEL A
CHANNEL B
CW
32 DETENT / 8 PPR
32 DETENT / 32 PPR
CHANNEL A
90 °e ± 45 °e
CHANNEL B
High
Low
High
Low
CW
180 °e
1 pulse width
Terminal Diagram
A1 2 + B
GROUND
MOMENTARY SWITCH
POWER
CHANNEL "A"
CHANNEL "B"
1.27
(.050)
TYP.
REV. 08/07
Asia-Pacific:
TEL +886-2 25624117
FAX +886-2 25624116
Europe:
TEL +41-41 7685555
FAX +41-41 7685510
The Americas:
TEL +1-951 781-5500
FAX +1-951 781-5700
www.bourns.com
Sensors & Controls



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com