Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1388 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1388
Description  I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1388 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1388_08 Datasheet HTML 1Page - Maxim Integrated Products DS1388_08 Datasheet HTML 2Page - Maxim Integrated Products DS1388_08 Datasheet HTML 3Page - Maxim Integrated Products DS1388_08 Datasheet HTML 4Page - Maxim Integrated Products DS1388_08 Datasheet HTML 5Page - Maxim Integrated Products DS1388_08 Datasheet HTML 6Page - Maxim Integrated Products DS1388_08 Datasheet HTML 7Page - Maxim Integrated Products DS1388_08 Datasheet HTML 8Page - Maxim Integrated Products DS1388_08 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
I2C RTC/Supervisor with Trickle Charger
and 512 Bytes EEPROM
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
(TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC Pin Relative to Ground .....-0.3V to +6.0V
Voltage Range on Inputs Relative
to Ground ...............................................-0.3V to (VCC + 0.3V)
Operating Temperature Range
(noncondensing) .............................................-40°C to +85°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature...........................Refer to the IPC/JEDEC
J-STD-020 Specification.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DS1388Z-5
4.5
5
5.5
DS1388Z-33
2.97
3.3
3.63
Supply Voltage
VCC
(Note 2)
DS1388Z-3
2.7
3
3.3
V
Logic 1
VIH
(Note 2)
0.7 x
VCC
VCC +
0.3
V
Logic 0
VIL
(Note 2)
-0.3
+0.3 x
VCC
V
Pullup Voltage (SCL, SDA),
VCC = 0V
VPU
5.5
V
VBACKUP Voltage
VBACKUP
(Note 2)
1.3
3.0
5.5
V
DS1388Z-5
4.15
4.33
4.50
DS1388Z-33
2.70
2.88
2.97
Power-Fail Voltage
VPF
(Note 2)
DS1388Z-3
2.45
2.60
2.70
V
DC ELECTRICAL CHARACTERISTICS
(VCC = VCC(MIN) to VCC(MAX), TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
R1
(Notes 3, 4)
250
R2
(Note 5)
2000
Trickle-Charger Current-Limiting
Resistors
R3
(Note 6)
4000
Ω
Input Leakage (SCL)
ILI
-1
+1
µA
I/O Leakage (SDA)
ILO
-1
+1
µA
I/O Leakage (RST)ILORST
(Note 7)
-200
+10
µA
SDA Logic 0 Output
(VOL = 0.15 x VCC)
IOLDOUT
3mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com