Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS636 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS636
Description  DIFFERENTIAL VARIABLE GAIN AMPLIFIER FOR ADSL LINE INTERFACE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS636 Datasheet(HTML) 1 Page - STMicroelectronics

  TS636 Datasheet HTML 1Page - STMicroelectronics TS636 Datasheet HTML 2Page - STMicroelectronics TS636 Datasheet HTML 3Page - STMicroelectronics TS636 Datasheet HTML 4Page - STMicroelectronics TS636 Datasheet HTML 5Page - STMicroelectronics TS636 Datasheet HTML 6Page - STMicroelectronics TS636 Datasheet HTML 7Page - STMicroelectronics TS636 Datasheet HTML 8Page - STMicroelectronics TS636 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
s LOW NOISE : 4.7nV/
√Hz
s LOW DISTORTION
s HIGH SLEW RATE : 90V/
µs
s WIDE BANDWIDTH : 52MHz @ -3dB &
18dB gain
s GAIN PROGRAMMABLE from -9dB to +30dB
with 3dB STEPS
s POWER DOWN FUNCTION
DESCRIPTION
This TS636 is particularly intended for applica-
tions such as preamplification in telecommunica-
tion systems using multiple carriers. It has been
minly designed to fit with ADSL chip-sets such as
ASCOT ADSL chip-set for CPE.
The TS636 is a differential digitally controled vari-
able gain amplifier featuring a high slew rate of
90V/
µs, a large bandwidth, a very low distortion
and a very low current and voltage noise.
The gain can be set from -9dB to +30dB through a
4bit digital word, with 3dB steps.
The gain monotonicity is guaranteed by design.
The TS636 comes in SO-14 plastic packages.
APPLICATION
s Preamplifier with automatic gain control for
Asymmetric Digital Subscriber Line (ADSL).
ORDER CODE
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part Number
Temperature Range
Package
D
TS636I
-40, +85°C
D
SO14
(Plastic Micropackage)
+Vcc2
Input 1
Input 2
-Vcc
DGND
LSB
GC1
GC2
GC3
MSB
GC4
Output 1
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Output 2
AGND
Power Down
+Vcc1
TS636
DIFFERENTIAL VARIABLE GAIN AMPLIFIER
FOR ADSL LINE INTERFACE
January 2001


Similar Part No. - TS636

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS63 VISHAY-TS63 Datasheet
139Kb / 3P
Multi-Turn Surface Mount Miniature 1/4 Square Cermet Trimmers, Fully Sealed
05-Aug-04
TS63 VISHAY-TS63 Datasheet
117Kb / 5P
Multi-Turn Surface Mount Miniature 1/4" Square Cermet Trimmers, Fully Sealed
24-Jul-07
TS63 VISHAY-TS63 Datasheet
121Kb / 5P
Multi-Turn Surface Mount 1/4 Square Cermet Trimmers Fully Sealed
22-Sep-15
logo
STMicroelectronics
TS634 STMICROELECTRONICS-TS634 Datasheet
126Kb / 9P
DUAL WIDE BAND OPERATIONAL AMPLIFIER FOR ADSL LINE INTERFACE
Mar-2003
TS634D STMICROELECTRONICS-TS634D Datasheet
126Kb / 9P
DUAL WIDE BAND OPERATIONAL AMPLIFIER FOR ADSL LINE INTERFACE
Mar-2003
More results

Similar Description - TS636

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9901 PHILIPS-TDA9901 Datasheet
90Kb / 20P
Wideband differential digital controlled variable gain amplifier
1999 Oct 08
logo
STMicroelectronics
TS652 STMICROELECTRONICS-TS652 Datasheet
74Kb / 9P
DIFFERENTIAL VARIABLE GAIN AMPLIFIER
May-2000
logo
NXP Semiconductors
TDA9901 NXP-TDA9901 Datasheet
102Kb / 18P
Wideband differential digital controlled variable gain amplifier
Rev. 04-14 August 2008
logo
M/A-COM Technology Solu...
MAAM-010399 MA-COM-MAAM-010399 Datasheet
377Kb / 6P
Differential CATV Variable Gain Amplifier
MAAM-011122 MA-COM-MAAM-011122 Datasheet
666Kb / 9P
Differential CATV Variable Gain Amplifier
MAAM-011122 MA-COM-MAAM-011122_15 Datasheet
666Kb / 9P
Differential CATV Variable Gain Amplifier
MAAM-010399 MA-COM-MAAM-010399_15 Datasheet
1Mb / 9P
Differential CATV Variable Gain Amplifier
MAAM-011168 MA-COM-MAAM-011168 Datasheet
1Mb / 16P
Differential CATV Variable Gain Amplifier
MAAM-011186 MA-COM-MAAM-011186 Datasheet
1Mb / 13P
Differential CATV Variable Gain Amplifier
MAAM-011194 MA-COM-MAAM-011194 Datasheet
1Mb / 10P
Differential CATV Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com