Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG413C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DG413C/D
Description  Improved, Quad, SPST Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG413C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  DG413C/D Datasheet HTML 1Page - Maxim Integrated Products DG413C/D Datasheet HTML 2Page - Maxim Integrated Products DG413C/D Datasheet HTML 3Page - Maxim Integrated Products DG413C/D Datasheet HTML 4Page - Maxim Integrated Products DG413C/D Datasheet HTML 5Page - Maxim Integrated Products DG413C/D Datasheet HTML 6Page - Maxim Integrated Products DG413C/D Datasheet HTML 7Page - Maxim Integrated Products DG413C/D Datasheet HTML 8Page - Maxim Integrated Products DG413C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Improved, Quad,
SPST Analog Switches
_______________________________________________________________________________________
5
60
-20
-10
10
ON-RESISTANCE vs. VD AND
POWER-SUPPLY VOLTAGE
0
40
VD (V)
020
20
50
30
10
70
A
B
C
D
A: V+ = 5V,
V- = -5V
B: V+ = 10V,
V- = -10V
C: V+ = 15V,
V- = -15V
D: V+ = 20V,
V- = -20V
0
-20
-10
10
ON-RESISTANCE vs. VD AND
TEMPERATURE
50
VD (V)
020
30
10
40
20
60
V+ = 15V
V- = -15V
TA = +125
°C
TA = +85
°C
TA = +25
°C
TA = -55
°C
20
05
15
ON-RESISTANCE vs. VD AND
TEMPERATURE (SINGLE SUPPLY)
120
VD (V)
10
20
80
40
100
60
140
V- = 0V
V+ = 5V
V+ = 10V
V+ = 15V
V+ = 20V
160
20
05
15
ON-RESISTANCE vs. VD
(SINGLE SUPPLY)
70
VD (V)
10
20
50
30
60
40
80
V+ = 12V
V- = 0V
TA = +125
°C
TA = +85
°C
TA = +25
°C
0.0001
-55
OFF-LEAKAGE CURRENTS vs.
TEMPERATURE
10
TEMPERATURE (
°C)
+25
+125
0.1
0.001
1
0.01
100
V+ = 16.5V
V- = -16.5V
VD =
±15V
VS =
±15V
0.0001
-55
ON-LEAKAGE CURRENTS vs.
TEMPERATURE
10
TEMPERATURE (
°C)
+25
+125
0.1
0.001
1
0.01
100
V+ = 16.5V
V- = -16.5V
VD =
±15V
VS =
±15V
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
-60
-20
CHARGE INJECTION vs.
ANALOG VOLTAGE
40
VD (V)
020
0
-40
20
-20
60
-15
-10
-5
5
10
15
V+ = 15V
V- = -15V
VL = 5V
CL = 1nF
0.0001
-55
SUPPLY CURRENT vs. TEMPERATURE
10
TEMPERATURE (
°C)
+25
+125
0.1
0.001
1
0.01
100
A: I+ at V+ = 16.5V
B: I- at V- = -16.5V
C: IL at VL = 5V
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com