Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS636I Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS636I
Description  DIFFERENTIAL VARIABLE GAIN AMPLIFIER FOR ADSL LINE INTERFACE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS636I Datasheet(HTML) 2 Page - STMicroelectronics

  TS636I Datasheet HTML 1Page - STMicroelectronics TS636I Datasheet HTML 2Page - STMicroelectronics TS636I Datasheet HTML 3Page - STMicroelectronics TS636I Datasheet HTML 4Page - STMicroelectronics TS636I Datasheet HTML 5Page - STMicroelectronics TS636I Datasheet HTML 6Page - STMicroelectronics TS636I Datasheet HTML 7Page - STMicroelectronics TS636I Datasheet HTML 8Page - STMicroelectronics TS636I Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TS636
2/9
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
APPLICATION: ADSL LINE INTERFACE
Symbol
Parameter
Value
Unit
VCC
Supply voltage 1)
14
V
Vi
Input Voltage 2)
0 to 14
V
Toper
Operating Free Air Temperature Range TS636ID
-40 to + 85
°C
Tstd
Storage Temperature
-65 to +150
°C
Tj
Maximum Junction Temperature
150
°C
Rthjc
Thermal Resistance Junction to Case
22
°C/W
Rthja
Thermal Resistance Junction to Ambiante Area
125
°C/W
Output Short Circuit Duration
Infinite
1. All voltages values are with respect to network terminal.
2. The magnitude of input and output voltages must never exceed VCC +0.3V.
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
5 to 12
V
Vicm
Common Mode Input Voltage
VCC/2
V
twisted-pair
telephone
line
HYBRID
CIRCUIT
LP filter
TS634 or TS635
Line Driver
reception
(analog signal)
emission
(analog
signal)
upstream
downstream
ST70135
ST70134
TS636
Receiver
VGA
ASCOT ADSL
CHIP-SET
Power Down
4-bit Gain Control
TX
RX



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com