Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS636ID Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS636ID
Description  DIFFERENTIAL VARIABLE GAIN AMPLIFIER FOR ADSL LINE INTERFACE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS636ID Datasheet(HTML) 3 Page - STMicroelectronics

  TS636ID Datasheet HTML 1Page - STMicroelectronics TS636ID Datasheet HTML 2Page - STMicroelectronics TS636ID Datasheet HTML 3Page - STMicroelectronics TS636ID Datasheet HTML 4Page - STMicroelectronics TS636ID Datasheet HTML 5Page - STMicroelectronics TS636ID Datasheet HTML 6Page - STMicroelectronics TS636ID Datasheet HTML 7Page - STMicroelectronics TS636ID Datasheet HTML 8Page - STMicroelectronics TS636ID Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TS636
3/9
ELECTRICAL CHARACTERISTICS. V
CC = ±6Volts, Tamb = 25°C (unless otherwise specified).
Symbol
Parameter
Test Condition
Min.
Typ.
Max
Unit
DC PERFORMANCE
Iib
Input Bias Current (AGND pin)
8
µA
ICC
Total Supply Current
No load, Vout = 0
28
mA
∆V
OFFSET
Differential Input Offset Voltage
Vin = 0, AV = 30dB
6mV
SVR
Supply Voltage Rejection Ratio
AV = 0dB
50
80
dB
POWER DOWN MODE
Iccpdw
Power Down Total Consumption Power Down Mode
150
µA
Zout
Power Down Output Impedance Power Down Mode
100k
Ω
150k
Ω//5pF
AC PERFORMANCE
Zin
Input Impedance
100k
Ω//5pF
VOH
High Level Output Voltage
RL connected to GND
RL = 500Ω
4
4.5
V
VOL
Low Level Output Voltage
RL connected to GND
RL = 500Ω
-4.5
-4
V
AV
Voltage Gain
F= 1MHz
-9
30
dB
Gain monotonicity guaranteed by design
PAV
Precision of the Voltage Gain
F= 1MHz
-1.4
1.4
dB
Avstep
Step Value
F= 1MHz
2.4
3
3.6
dB
Avmis
Gain Mismatch between Both
Channels
F= 1MHz
1
dB
Bw
Bandwidth @ -3dB
RL = 500Ω, CL = 15pF
AV = -9dB
45
100
MHz
AV = +30dB
917
MHz
Rbw
Bandwidth Roll-off
AV = +30dB, F = 1MHz
0.08
dB
Io
Bandwidth @ -3dB
RL = 500Ω, CL = 15pF
|Source|
17
28
mA
Sink
17
22
SR
Slew Rate (gain independent)
Vo = 2Vpeak
40
90
V/
µs
NOISE AND DISTORTION
in
Equivalent Input Noise Current
F = 100kHz
1.6
pA/
√Hz
en
Equivalent Input Noise Voltage
F = 100kHz
AV = 30dB
4.7
nV/
√Hz
THD30
Harmonic Distorsion
1Vpeak, F = 150kHz,
AV = +30dB, RL = 500Ω//15pF
dBc
H2
-70
H3
-93
H4
-98
H5
-99
IM3_1
Third Order Intermodulation
Product
F1 = 180kHz, F2 = 280kHz
Vout = 1Vpeak, AV = +30dB
RL = 500Ω//15pF
dBc
@ 80kHz
-77
@ 380kHz
-85
@640kHz
-86
@740kHz
-87
IM3_2
Third Order Intermodulation
Product
F1 = 70kHz, F2 = 80kHz
Vout = 1Vpeak, AV = +30dB
RL = 500Ω//15pF
dBc
@ 60kHz
-77
@ 90kHz
-79
@220kHz
-83
@230kHz
-84



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com