Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1165CEUI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1165CEUI
Description  Low-Power, 16-Bit Analog-to-Digital Converters with Parallel Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1165CEUI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1165CEUI Datasheet HTML 1Page - Maxim Integrated Products MAX1165CEUI Datasheet HTML 2Page - Maxim Integrated Products MAX1165CEUI Datasheet HTML 3Page - Maxim Integrated Products MAX1165CEUI Datasheet HTML 4Page - Maxim Integrated Products MAX1165CEUI Datasheet HTML 5Page - Maxim Integrated Products MAX1165CEUI Datasheet HTML 6Page - Maxim Integrated Products MAX1165CEUI Datasheet HTML 7Page - Maxim Integrated Products MAX1165CEUI Datasheet HTML 8Page - Maxim Integrated Products MAX1165CEUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Low-Power, 16-Bit Analog-to-Digital Converter
with Parallel Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = +5V, external reference = +4.096V, CREF = 4.7µF, CREFADJ = 0.1µF, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Signal-to-Noise Ratio
SNR
87
90
dB
Total Harmonic Distortion
THD
-102
-90
dB
Spurious-Free Dynamic Range
SFDR
91
105
dB
Full-Power Bandwidth
-3dB point
4
MHz
Full-Linear Bandwidth
SINAD > 81dB
33
kHz
CONVERSION RATE
Sample Rate
fSAMPLE
165
ksps
Aperture Delay
27
ns
Aperture Jitter
<100
ps
ANALOG INPUT
Input Range
VAIN
0VREF
V
Input Capacitance
CAIN
40
pF
INTERNAL REFERENCE
REF Output Voltage
VREF
4.054
4.096
4.136
V
REF Output Tempco
TCREF
±25
ppm/°C
REF Short-Circuit Current
IREFSC
±10
mA
Capacitive Bypass at REFADJ
CREFADJ
0.1
µF
Capacitive Bypass at REF
CREF
1µF
REFADJ Input Leakage Current
IREFADJ
20
µA
EXTERNAL REFERENCE
REFADJ Buffer Disable Threshold
To power down the internal reference
AVDD -
0.4
AVDD -
0.1
V
REF Input Voltage Range
Internal reference disabled (Note 3)
3.8
AVDD -
0.2
V
VREF = +4.096V, fSAMPLE = 165ksps
14
25
REF Input Current
IREF
Shutdown mode
±0.1
µA
DIGITAL INPUTS/OUTPUTS
Input High Voltage
VIH
0.7
×
DVDD
V
Input Low Voltage
VIL
0.3
×
DVDD
V
Input Leakage Current
IIN
VIH = 0 or DVDD
±0.1
±1
µA
Input Hysteresis
VHYST
0.1
V
Input Capacitance
CIN
15
pF
Output High Voltage
VOH
ISOURCE = 0.5mA, DVDD = +2.7V to +5.25V,
AVDD = +5.25V
DVDD -
0.4
V
Output Low Voltage
VOL
ISINK = 1.6mA, DVDD = +2.7V to +5.25V,
AVDD = +5.25V
0.4
V
Three-State Leakage Current
IOZ
D0–D15
±0.1
±10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com