Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS821L Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS821L
Description  1.225V MICROPOWER VOLTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS821L Datasheet(HTML) 7 Page - STMicroelectronics

  TS821L Datasheet HTML 1Page - STMicroelectronics TS821L Datasheet HTML 2Page - STMicroelectronics TS821L Datasheet HTML 3Page - STMicroelectronics TS821L Datasheet HTML 4Page - STMicroelectronics TS821L Datasheet HTML 5Page - STMicroelectronics TS821L Datasheet HTML 6Page - STMicroelectronics TS821L Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TS821
7/7
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the conse-
quences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use.
No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned
in this publication are subject to change without notice. This publication supersedes and replaces all information previously sup-
plied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without ex-
press written approval of STMicroelectronics.
© The ST logo is a trademark of STMicroelectronics
© 2000 STMicroelectronics – Printed in Italy – All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco
Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
© http://www.st.com
PACKAGE MECHANICAL DATA
3 PINS -TINY PACKAGE (SOT23)
Dim.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.890
1.120
0.035
0.044
A1
0.010
0.100
0.0004
0.004
A2
0.880
0.950
1.020
0.037
0.040
b
0.300
0.500
0.012
0.020
c
0.080
0.200
0.003
0.008
D
2.800
2.900
3.040
0.110
0.114
0.120
E
2.100
2.640
0.083
0.104
E1
1.200
1.300
1.400
0.047
0.051
0.055
e
0.950
0.037
e1
1.900
0.075
L
0.400
0.500
0.600
0.016
0.020
0.024
L1
0.540
0.021
k0
°
8
°



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com