Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2008RGVT Datasheet(PDF) 13 Page - Texas Instruments

Part # TSC2008RGVT
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2008RGVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TSC2008RGVT Datasheet HTML 9Page - Texas Instruments TSC2008RGVT Datasheet HTML 10Page - Texas Instruments TSC2008RGVT Datasheet HTML 11Page - Texas Instruments TSC2008RGVT Datasheet HTML 12Page - Texas Instruments TSC2008RGVT Datasheet HTML 13Page - Texas Instruments TSC2008RGVT Datasheet HTML 14Page - Texas Instruments TSC2008RGVT Datasheet HTML 15Page - Texas Instruments TSC2008RGVT Datasheet HTML 16Page - Texas Instruments TSC2008RGVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
R
TOUCH
+
R
X−plate
@ XPostition
4096
4096
Z
1
*1 *RY−plate @ 1*
Y
Position
4096
(2)
X-Position
MeasureX-Position
MeasureZ -Position
1
Touch
X+
Y+
X
-
Y
-
Z -Position
1
Touch
X+
Y+
Y
-
X
-
MeasureZ -Position
2
Z -Position
2
Touch
X+
Y+
Y
-
X
-
TSC2008
www.ti.com .................................................................................................................................................. SBAS406A – JUNE 2008 – REVISED DECEMBER 2008
The second method requires knowing both the X-plate and Y-plate resistance, measurement of X-Position and
Y-Position, and Z1. Equation 2 also calculates the touch resistance:
Figure 22. Pressure Measurement
When the touch panel is pressed or touched and the drivers to the panel are turned on, the voltage across the
touch panel will often overshoot and then slowly settle down (decay) to a stable dc value. This effect is a result of
mechanical bouncing caused by vibration of the top layer sheet of the touch panel when the panel is pressed.
This settling time must be accounted for, or else the converted value is incorrect. Therefore, a delay must be
introduced between the time the driver for a particular measurement is turned on, and the time a measurement is
made.
In some applications, external capacitors may be required across the touch screen for filtering noise picked up by
the touch screen (for example, noise generated by the LCD panel or back-light circuitry). The value of these
capacitors provides a low-pass filter to reduce the noise, but creates an additional settling time requirement when
the panel is touched. The settling time typically shows up as gain error. The TSC2008 has a built-in noise filter
(see the Preprocessing section). These capacitors can be reduced to minimal value or not installed.
The TSC2008 touch screen interface can measure position (X,Y) and pressure (Z).
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TSC2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com