Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # MS2
Description  10.7mm x 4.7mm x 2.0mm SMD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

MS2 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  MS2 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EURO QUARTZ
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk
CRYSTALS
10.7mm x 4.7mm x 2.0mm SMD
DESCRIPTION
The MS2 crystal provides an ideal source of low frequency clock
signals (under 10MHz) in a low-profile SMD package height of
2.0mm. The crystal features a glass to metal substrate and resistance-
welded metal lid offering enhanced hermetic properties. Premium
grade AT-strip crystal plate is mounted at both ends for high shock
and low g sensitivity.
·
Low height SMD package for low frequencies
·
Frequency range 3.2MHz to 70.0MHZ
·
Fully RoHS compliant
·
Standard EIA tape and reel
OUTLINE & DIMENSIONS
Frequency Range
AT-Cut Fundamental:
3.2MHz to 30.0MHz
AT-Cut 3rd Overtone:
27.0MHz to 70.0MHz
BT-Cut Fundamental:
24.0MHz to 48.0MHz
Calibration Tolerance at 25ºC*:
from ±10ppm at 25°C
(±30ppm standard)
Frequency stability
AT-Cut:
±30ppm over-10° to +60°C
BT-Cut:
±100ppm over -10° to +60°C
Storage Temperature:
-40°~+85°C
Equivalent Series Resistance:
See table
Shunt Capacitance (C0):
7pF maximum
Load Capacitance (CL):
Series or from 10pF to 32pF
(Customer specified CL)
Ageing:
<±5ppm per year at +25°C
Drive level:
0.5mW maximum
Reflow Soldering:
10s maximum at 260°C twice
or 180s at 230°C, once.
Packaging:
24mm EIA tape and reel, 1k per.
SPECIFICATION
3.2~3.4
300
3.5~4.0
150
4.1~4.9
120
5.0~5.9
100
6.0~8.9
80
9.0~9.9
60
10.0~12.9
50
13.0~30.0
45
Frequency
Range MHz
ESR
Ohms Max.
EQUIVALENT SERIES RESISTANCE
PART NUMBER GENERATION
Part numbers for MS2 crystals are generated as follows:
3.2000MHz MS2 30/30/-10+60/12pF/60R
Example:
Nominal Frequency
Package
Calibration tolerance
at 25°C (±ppm)
Temperature Stability
over temp. range (±ppm)
Operating Temp. Range (°C)
(Lower and upper limits)
Load Capacitance
(Either SR for series or CL in pF)
Equivalent Series Resistance
(When special value is required)
MS2
AT-Cut Fundamental
25.0~30.0
150
30.0~50.0
100
50.0~70.0
80
Frequency
Range MHz
ESR
Ohms Max.
AT-Cut 3rd Overtone
24.0~40.0
40
Frequency
Range MHz
ESR
Ohms Max.
BTCut Fundamental


Similar Part No. - MS2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS2 ETC1-MS2 Datasheet
57Kb / 2P
SLOW BLOW MICRO FUSE
logo
Bel Fuse Inc.
MS2 BEL-MS2 Datasheet
385Kb / 2P
Slow Blow Micro Fuse
logo
PETERMANN-TECHNIK
MS2 PETERMANN-MS2 Datasheet
70Kb / 1P
HIGH RELIABILITY FOR LOW COST LOW PROFILE - 2.0 MM MAX. PACKAGE HEIGHT
logo
Crydom Inc.,
MS2 CRYDOM-MS2 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
logo
Bel Fuse Inc.
MS2 BEL-MS2 Datasheet
1Mb / 4P
TYPE MS SLOW BLOW MICRO FUSE
More results

Similar Description - MS2

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GDF64 EUROQUARTZ-GDF64 Datasheet
102Kb / 1P
11.4 x 9.6 x 4.7mm SMD VCXO
GDW64 EUROQUARTZ-GDW64 Datasheet
102Kb / 1P
11.4 x 9.6 x 4.7mm 6 pad SMD VCXO
GF64 EUROQUARTZ-GF64 Datasheet
350Kb / 1P
11.4 x 9.6 x 4.7mm 6 pad SMD
GPA64 EUROQUARTZ-GPA64 Datasheet
103Kb / 1P
11.4 x 9.6 x 4.7mm SMD VCXO
GPW64 EUROQUARTZ-GPW64 Datasheet
103Kb / 1P
11.4 x 9.6 x 4.7mm 6 pad SMD VCXO
GSR44 EUROQUARTZ-GSR44 Datasheet
94Kb / 1P
11.4 x 9.6 x 4.7mm SMD Sine Wave VCXO
GV64 EUROQUARTZ-GV64 Datasheet
350Kb / 1P
11.4 x 9.6 x 4.7mm 6 pad SMD
GW64 EUROQUARTZ-GW64 Datasheet
224Kb / 1P
11.4 x 9.6 x 4.7mm 6 pad SMD
EQHM44R EUROQUARTZ-EQHM44R Datasheet
259Kb / 2P
11.4 x 9.6 x 4.7mm SMD
GDA64 EUROQUARTZ-GDA64 Datasheet
161Kb / 1P
11.4 x 9.6 x 4.7mm SMD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com