Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS861I Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS861I
Description  RAIL TO RAIL MICROPOWER BICMOS COMPARATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS861I Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS861I Datasheet HTML 7Page - STMicroelectronics TS861I Datasheet HTML 8Page - STMicroelectronics TS861I Datasheet HTML 9Page - STMicroelectronics TS861I Datasheet HTML 10Page - STMicroelectronics TS861I Datasheet HTML 11Page - STMicroelectronics TS861I Datasheet HTML 12Page - STMicroelectronics TS861I Datasheet HTML 13Page - STMicroelectronics TS861I Datasheet HTML 14Page - STMicroelectronics TS861I Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
TS861-TS862-TS864
14/15
TS864IPT
PACKAGE MECHANICAL DATA
14 PINS - THIN SHRINK SMALL OUTLINE PACKAGE
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.20
0.05
A1
0.05
0.15
0.01
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.15
c
0.09
0.20
0.003
0.012
D
4.90
5.00
5.10
0.192
0.196
0.20
E
6.40
0.252
E1
4.30
4.40
4.50
0.169
0.173
0.177
e
0.65
0.025
k
0°
8°
0°
8°
L
0.450
0.600
0.750
0.018
0.024
0.030
L1
1.00
0.039
aaa
0.100
0.004
c
k
E
PIN 1 IDENTIFICATION
1
7
8
14
0,25 mm
.010 inch
GAGE PLANE
A
A2
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com