Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8521 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8521
Description  Smallest TEC Power Drivers for Optical Modules
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8521 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8521 Datasheet HTML 2Page - Maxim Integrated Products MAX8521 Datasheet HTML 3Page - Maxim Integrated Products MAX8521 Datasheet HTML 4Page - Maxim Integrated Products MAX8521 Datasheet HTML 5Page - Maxim Integrated Products MAX8521 Datasheet HTML 6Page - Maxim Integrated Products MAX8521 Datasheet HTML 7Page - Maxim Integrated Products MAX8521 Datasheet HTML 8Page - Maxim Integrated Products MAX8521 Datasheet HTML 9Page - Maxim Integrated Products MAX8521 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Smallest TEC Power Drivers for Optical
Modules
6
_______________________________________________________________________________________
DIFFERENTIAL
OUTPUT VOLTAGE RIPPLE
MAX8520/21 toc04
400ns/div
VOS2 - VOS1
1mV/div
AC-COUPLED
C2 = C7 = 1
µF
ITEC = 1A
VDD RIPPLE
MAX8520/21 toc05
400ns/div
VDD
20mV/div
AC-COUPLED
ITEC = 1A
TEC CURRENT RIPPLE
MAX8520/21 toc06
400ns/div
10mA/div
AC-COUPLED
0A
1.5A
TEC CURRENT vs. CTLI VOLTAGE
MAX8520/21 toc07
20ms/div
VCTLI
1V/div
ITEC
1A/div
0A
0V
ZERO-CROSSING TEC CURRENT
MAX8520/21 toc08
1ms/div
VCTLI
I00mV/div
ITEC
100mA/div
0A
1.5V
VITEC vs. TEC CURRENT
TEC CURRENT (A)
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
0.5
1.0
1.5
2.0
2.5
3.0
0
-2.0
2.0
Typical Operating Characteristics (continued)
(VDD = 5V, circuit of Figure 1, TA = +25°C unless otherwise noted)
ITEC vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
°C)
+60
+40
+20
0
-20
0.460
0.470
0.480
0.490
0.500
0.510
0.520
0.450
-40
+80
FREQ = 1MHz
VCTLI = 2V
RTEC = 1
Ω
SWITCHING FREQUENCY
vs. TEMPERATURE
TEMPERATURE (
°C)
+80
+60
+40
+20
0
-20
500
600
700
800
900
1000
1100
400
-40
FREQ = 1MHz
VCTLI = 1.5V
RTEC = 1
Ω
FREQ = 500KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com