Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS914A Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS914A
Description  RAIL TO RAIL CMOS QUAD OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS914A Datasheet(HTML) 4 Page - STMicroelectronics

  TS914A Datasheet HTML 1Page - STMicroelectronics TS914A Datasheet HTML 2Page - STMicroelectronics TS914A Datasheet HTML 3Page - STMicroelectronics TS914A Datasheet HTML 4Page - STMicroelectronics TS914A Datasheet HTML 5Page - STMicroelectronics TS914A Datasheet HTML 6Page - STMicroelectronics TS914A Datasheet HTML 7Page - STMicroelectronics TS914A Datasheet HTML 8Page - STMicroelectronics TS914A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ELECTRICAL CHARACTERISTICS
VCC
+ =5V, VCC- =0V, RL,CL connectedto VCC/2, Tamb =25oC (unless otherwise specified)
Symbol
Parameter
TS914I/AI
Unit
Min.
Typ.
Max.
Vio
Input Offset Voltage (Vic =Vo =VCC/2)
TS914
TS914A
Tmin.
≤ Tamb ≤ Tmax.
TS914
TS914A
10
5
12
7
mV
DVio
Input Offset Voltage Drift
5
µV/oC
Iio
Input Offset Current - (note 1)
Tmin.
≤ Tamb ≤ Tmax.
1
100
200
pA
Iib
Input Bias Current - (note 1)
Tmin.
≤ Tamb ≤ Tmax.
1
150
300
pA
ICC
Supply Current (per amplifier, AVCL = 1, no load)
Tmin.
≤ Tamb ≤ Tmax.
230
350
450
µA
CMR
Common Mode Rejection Ratio
Vic = 1.5 to 3.5V, Vo = 2.5V
50
75
dB
SVR
Supply Voltage Rejection Ratio (VCC
+ = 3 to 5V, VO =VCC /2)
50
80
dB
Avd
Large Signal Voltage Gain (RL = 10k
Ω,VO = 1.5V to 3.5V)
Tmin.
≤ Tamb ≤ Tmax.
10
7
30
V/mV
VOH
High Level Output Voltage (Vid = 1V)
RL = 10k
Ω
RL = 600
Ω
RL = 100
Ω
Tmin.
≤ Tamb ≤ Tmax.
RL = 10k
Ω
RL = 600
Ω
4.90
4.25
4.8
4.1
4.95
4.65
3.7
V
VOL
Low Level Output Voltage (Vid = -1V)
RL = 10k
Ω
RL = 600
Ω
RL = 100
Ω
Tmin.
≤ Tamb ≤ Tmax.
RL = 10k
Ω
RL = 600
Ω
50
350
1400
100
500
150
750
mV
Io
Output Short Circuit Current (Vid =
±1V)
Source
(Vo =VCC
−
)
Sink
(Vo =VCC
+)
45
45
60
60
mA
GBP
Gain Bandwidth Product
(AVCL = 100, RL = 10k
Ω,CL = 100pF, f = 100kHz)
0.9
MHz
SR
+
Positive Slew Rate
AVCL =1, RL = 10k
Ω,Vi =1V to 4V, CL = 100pF
0.8
V/
µs
SR
-
Negative Slew Rate
0.5
V/
µs
∅m
Phase Margin
30
Degrees
Note 1 : Maximum values including unavoidable inaccuracies of the industrial test.
TS914
4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com