Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS924I Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS924I
Description  RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS924I Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS924I Datasheet HTML 3Page - STMicroelectronics TS924I Datasheet HTML 4Page - STMicroelectronics TS924I Datasheet HTML 5Page - STMicroelectronics TS924I Datasheet HTML 6Page - STMicroelectronics TS924I Datasheet HTML 7Page - STMicroelectronics TS924I Datasheet HTML 8Page - STMicroelectronics TS924I Datasheet HTML 9Page - STMicroelectronics TS924I Datasheet HTML 10Page - STMicroelectronics TS924I Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
0,01
0,1
1
10
100
0
0,005
0,01
0,015
0,02
0,025
0,03
Frequency (kHz)
Rl=2k
Vo= 10Vpp
Vcc=+- 6V
Av=1
THD + NOISE vs FREQUENCY
0,01
0,1
1
10
100
0
0,01
0,02
0,03
0,04
0,05
Frequency (kHz)
Rl=3 2ohms
Vo=4Vpp
Vcc=+-2.5V
A v=1
THD + NOISE vs FREQUENCY
0,01
0,1
1
10
100
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
Frequency (kHz)
Rl=3 2ohms
Av=10
Vcc=+-1.5V
Vo=2Vpp
THD + NOISE vs FREQUENCY
0
0,2
0,4
0,6
0,8
1
1,2
0,001
0,010
0,100
1,000
Vout (Vrms)
RL=600ohms f=1kHz
Vcc=
±1.5V Av= -1
THD + NOISE vs VOUT
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
0,01
0,1
1
Vout (Vrms)
RL=32ohms f=1kHz
Vcc=
±1.5V Av= -1
THD + NOISE vs VOUT
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1
1,1
0,001
0,010
0,100
1,000
Vout (Vrms)
RL=2kohms f=1kHz
Vcc=
±1.5V Av=-1
THD + NOISE vs VOUT
TS924
8/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com