Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS925 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS925
Description  RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER With Standby Mode and Adjustable Phantom Ground
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS925 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS925 Datasheet HTML 3Page - STMicroelectronics TS925 Datasheet HTML 4Page - STMicroelectronics TS925 Datasheet HTML 5Page - STMicroelectronics TS925 Datasheet HTML 6Page - STMicroelectronics TS925 Datasheet HTML 7Page - STMicroelectronics TS925 Datasheet HTML 8Page - STMicroelectronics TS925 Datasheet HTML 9Page - STMicroelectronics TS925 Datasheet HTML 10Page - STMicroelectronics TS925 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TS925
Electrical Characteristics
7/17
Table 7.
Global circuit
Table 8.
Phantom ground
Symbol
Parameter
Conditions
Min.
Typ
Max.
Unit
ICC
Total Supply Current
No load, Vout = Vcc/2
68
mA
Istby
Total Supply Current in
STANDBY
Pin 9 connected to Vcc-
6
µA
Venstby
Pin 9 Voltage to enable the
STANDBY mode (1)
1.
the STANDBY mode is currently enabled when Pin 9 is GROUNDED and disabled when Pin 9 is left OPEN.
at Tamb =+25°C
at Tmin ≤ Tamb ≤ Tmax
0.3
0.4
V
Vdistby
Pin 9 Voltage to disable the
STANDBY mode (1)
at Tamb =+25°C
at Tmin ≤ Tamb ≤ Tmax
1.1
1
V
Symbol
Parameter
Conditions
Min.
Typ
Max.
Unit
Vpg
Phantom Ground Output
Voltage
No Output Current
Vcc/2
-5%
Vcc/2
Vcc/2
+5%
V
Ipgsc
Phantom Ground Output Short
Circuit Current - Sourced
12
18
mA
Zpg
Phantom Ground Impedance
DC to 20kHz
3
Ω
Enpg
Phantom Ground Output
Voltage Noise
f= 1kHz
Cdec = 100pF
Cdec = 1nF
Cdec = 10nF
(1)
1.
Cdec is the decoupling capacitor on Pin9.
200
40
17
Ipgsk
Phantom Ground Output Short
Circuit Current - Sinked
12
18
mA
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com