Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS932 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS932
Description  OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS932 Datasheet(HTML) 1 Page - STMicroelectronics

  TS932 Datasheet HTML 1Page - STMicroelectronics TS932 Datasheet HTML 2Page - STMicroelectronics TS932 Datasheet HTML 3Page - STMicroelectronics TS932 Datasheet HTML 4Page - STMicroelectronics TS932 Datasheet HTML 5Page - STMicroelectronics TS932 Datasheet HTML 6Page - STMicroelectronics TS932 Datasheet HTML 7Page - STMicroelectronics TS932 Datasheet HTML 8Page - STMicroelectronics TS932 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
s RAIL TO RAIL OUTPUT VOLTAGE SWING
s MICROPOWER CONSUMPTION (20
µA)
s SINGLE SUPPLY OPERATION (2.7V to 10V
s LOW OFFSET (2mV max for TS93xB)
s CMOS INPUTS
s ULTRA LOW INPUT BIAS CURRENT (1pA)
s ESD PROTECTION (2kV)
s LATCH-UP IMMUNITY (Class A)
s AVAILABLE IN SOT23-5 MICROPACKAGE
DESCRIPTION
The TS93x (Single, Dual & Quad) is Operational
Amplifier able to operate with voltage as low as
2.7V and to reach 2.9Vpp of output swing with
R
L = 100kΩ when supplied @ 3V. Offering a typi-
cal consumption of only 20
µA, it is particularly
well-suited for every kind of battery-supplied appli-
cations.
The TS93x is housed in the space-saving 5 pins
SOT23-5 package which simplifies the board de-
sign because of the ability to be placed every-
where (outside dimensions are : 2.8mm x 2.9mm).
APPLICATION
s Battery-powered systems
s Portable communication systems
s Alarm, smoke detectors
s Instrumentation & sensoring
s PH Meter
s Digital scales
ORDER CODE
N= Dual in Line Package (DIP)
D= Small Outline Package (SO) - also available in Tape & Reel (DT)
P= Thin Shrink Small Outline Package (TSSOP) - only available
in Tape & Reel (PT)
L= Tiny Package (SOT23-5) - only available in Tape & Reel (LT)
PIN CONNECTIONS (top view)
Part
Number
Temperature
Range
Package
SOT23
Marking
NDP
L
TS931I
TS931A/BI
-40, +85
°C
•
•
•
•
K205
K206/207
TS932I
TS932A/BI
-40, +85
°C
•
•
•
•
TS934I
TS934A/BI
-40, +85
°C
•
•
•
•
•
•
1
2
3
4
5
Inverting input
Non-inverting input
Output
VDD
VCC
1
2
3
4
5
6
7
8
-
+
Inve rting Inp u t 1
N. C.
No n-inve rting Inp ut 1
VDD
VCC
Output 2
N.C.
N.C.
Inve rting Inp ut 2
Non -inve rting Inp ut 2
Non-inve rting Inpu t 1
DD
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
CC
V
Outp u t 3
Outp u t 4
Non-inve rting Inpu t 4
Inve rting Inpu t 4
Non-inve rting Inpu t 3
Inve rting Inpu t 3
-
+
-
+
-
+
-
+
Ou tpu t 1
Inve rting Inpu t 1
Ou tpu t 2
1
2
3
45
6
7
8
-
+
-
+
Inve rting Inp ut 1
Outp ut 1
Non-inve rting Inp ut 1
VDD
VCC
Output 2
Inve rting Inp ut 2
Non-inve rting Inp ut 2
TS931ILT
TS934IN-TS934ID-TS934IDT-TS934IPT
TS931ID-TS931IDT
TS932IN-TS932ID-TS932IDT
TS931
TS932
TS934
OUTPUT RAIL TO RAIL
MICROPOWER OPERATIONAL AMPLIFIERS
May 2000


Similar Part No. - TS932

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS932 STMICROELECTRONICS-TS932 Datasheet
242Kb / 15P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
Dec-2004
TS932AIDT STMICROELECTRONICS-TS932AIDT Datasheet
242Kb / 15P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
Dec-2004
TS932AIN STMICROELECTRONICS-TS932AIN Datasheet
242Kb / 15P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
Dec-2004
TS932BIN STMICROELECTRONICS-TS932BIN Datasheet
242Kb / 15P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
Dec-2004
TS932ID STMICROELECTRONICS-TS932ID Datasheet
242Kb / 15P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
Dec-2004
More results

Similar Description - TS932

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS941 STMICROELECTRONICS-TS941 Datasheet
124Kb / 14P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May-2000
logo
Texas Instruments
OPA347 TI-OPA347 Datasheet
470Kb / 21P
microPower, Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931_04 Datasheet
242Kb / 15P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
Dec-2004
TS941 STMICROELECTRONICS-TS941_04 Datasheet
223Kb / 18P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
Dec-2004
TS941 STMICROELECTRONICS-TS941_08 Datasheet
266Kb / 19P
Output rail-to-rail micropower operational amplifiers
09-Apr-2008
TS941 STMICROELECTRONICS-TS941_09 Datasheet
320Kb / 18P
Output rail-to-rail micropower operational amplifiers
05-Mar-2009
logo
Texas Instruments
OPA347SA TI-OPA347SA Datasheet
1Mb / 33P
microPower, Rail-to-Rail Operational Amplifiers
OPA37AZ TI1-OPA37AZ Datasheet
1Mb / 33P
microPower, Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TS93X STMICROELECTRONICS-TS93X Datasheet
977Kb / 17P
Output rail-to-rail micropower operational amplifiers
07-Nov-2012
TS94X STMICROELECTRONICS-TS94X Datasheet
319Kb / 18P
Output rail-to-rail micropower operational amplifiers
October 2009 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com