Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS952 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS952
Description  INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS952 Datasheet(HTML) 5 Page - STMicroelectronics

  TS952 Datasheet HTML 1Page - STMicroelectronics TS952 Datasheet HTML 2Page - STMicroelectronics TS952 Datasheet HTML 3Page - STMicroelectronics TS952 Datasheet HTML 4Page - STMicroelectronics TS952 Datasheet HTML 5Page - STMicroelectronics TS952 Datasheet HTML 6Page - STMicroelectronics TS952 Datasheet HTML 7Page - STMicroelectronics TS952 Datasheet HTML 8Page - STMicroelectronics TS952 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
10
15
20
25
30
Ambient Temperature (
°C)
-40
25
125
Vcc=0/5V
source
sink
OUTPUT SHORT CIRCUIT CURRENT VERSUS
TEMPERATURE
VOLTAGE GAIN AND PHASE VERSUS
FREQUENCY
02468
10
12
0
0,2
0,4
0,6
0,8
1
1,2
Supply Voltage ( V)
no load
T=25
°C
SUPPLY CURRENT VERSUS SUPPLY
VOLTAGE
0,6
0,7
0,8
0,9
1
1,1
Ambient Temperature (
°C)
-40
25
125
Vcc=0/5V
SUPPLY CURRENT VERSUS TEMPERATURE
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
output voltage (V )
0
0.4
.6
1.2
1.8
2.4
2.6
2.8
3
sink
source
Vcc=3V
T=25
°C
OUTPUT SHORT CIRCUIT CURRENT VERSUS
OUTPUT VOLTAGE
0,7
0,8
0,9
1
1,1
1,2
1,3
Ambient T emperature (
°C)
-40
25
125
Vcc=0/3V - Rl=10k
SR+
SR-
SLEW RATE VERSUS TEMPERATURE
TS951-TS952-TS954
5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com