Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200CVR466B Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC5200CVR466B
Description  Technical Data
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200CVR466B Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC5200CVR466B Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5200CVR466B Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5200CVR466B Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5200CVR466B Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5200CVR466B Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5200CVR466B Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5200CVR466B Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5200CVR466B Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5200CVR466B Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
MPC5200B Data Sheet, Rev. 3
Freescale Semiconductor
5
1.1.3
DC Electrical Specifications
Table 3 gives the DC Electrical characteristics for the MPC5200B at recommended operating conditions (see Table 2).
Input voltage - standard I/O buffers
Vin
0
VDD_IO
V
D2.7
Input voltage - memory I/O buffers (SDR)
VinSDR
0
VDD_MEM_IOSDR
VD2.8
Input voltage - memory I/O buffers (DDR)
VinDDR
0VDD_MEM_IODDR
VD2.9
Ambient operating temperature range(2)
TA
-40
+85
oC
D2.10
Die junction operating temperature range
Tj
-40
+115
oC
D2.12
1 These are recommended and tested operating conditions. Proper device operation outside these conditions is not
guaranteed.
2 Maximum e300 core operating frequency is 400 MHz
Table 3. DC Electrical Specifications
Characteristic
Condition
Sym
Min
Max
Unit
SpecID
Input high voltage
Input type = TTL
VDD_IO/VDD_MEM_IOSDR
VIH
2.0
—
V
D3.1
Input high voltage
Input type = TTL
VDD_MEM_IODDR
VIH
1.7
—
V
D3.2
Input high voltage
Input type = PCI
VDD_IO
VIH
2.0
—
V
D3.3
Input high voltage
Input type = SCHMITT
VDD_IO
VIH
2.0
—
V
D3.4
Input high voltage
SYS_XTAL_IN
CVIH
2.0
—
V
D3.5
Input high voltage
RTC_XTAL_IN
CVIH
2.0
—
V
D3.6
Input low voltage
Input type = TTL
VDD_IO/VDD_MEM_IOSDR
VIL
—0.8
V
D3.7
Input low voltage
Input type = TTL
VDD_MEM_IODDR
VIL
—0.7
V
D3.8
Input low voltage
Input type = PCI
VDD_IO
VIL
—0.8
V
D3.9
Input low voltage
Input type = SCHMITT
VDD_IO
VIL
—
0.8
V
D3.10
Input low voltage
SYS_XTAL_IN
CVIL
—
0.8
V
D3.11
Input low voltage
RTC_XTAL_IN
CVIL
—
0.8
V
D3.12
Input leakage current
Vin = 0 or
VDD_IO/VDD_IO_MEMSDR
(depending on input type
(1)
)
IIN
—+2
μA
D3.13
Input leakage current
SYS_XTAL_IN
Vin = 0 or VDD_IO
IIN
—+10
μA
D3.14
Table 2. Recommended Operating Conditions (continued)
Characteristic
Sym
Min(1)
Max(1)
Unit
SpecID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com