Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS951I Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS951I
Description  INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS951I Datasheet(HTML) 4 Page - STMicroelectronics

  TS951I Datasheet HTML 1Page - STMicroelectronics TS951I Datasheet HTML 2Page - STMicroelectronics TS951I Datasheet HTML 3Page - STMicroelectronics TS951I Datasheet HTML 4Page - STMicroelectronics TS951I Datasheet HTML 5Page - STMicroelectronics TS951I Datasheet HTML 6Page - STMicroelectronics TS951I Datasheet HTML 7Page - STMicroelectronics TS951I Datasheet HTML 8Page - STMicroelectronics TS951I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ELECTRICAL CHARACTERISTICS
VCC = +5V,VDD = 0V,Tamb =25
oC (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage
Tmin.
≤ Tamb ≤ Tmax.
6
8
mV
DVio
Input Offset Voltage Drift
2
µV/oC
Iio
Input Offset Current
Tmin.
≤ Tamb ≤ Tmax.
130
80
nA
Iib
Input Bias Current
Vicm = 1.5V
Tmin.
≤ Tamb ≤ Tmax.
35
100
200
nA
Vicm
Common Mode Input Voltage Range
VDD - 0.2 to VCC + 0.2
V
CMR
Common Mode Rejection Ratio
50
80
dB
SVR
Supply Voltage Rejection Ratio
VCC = 2.7V to 3.3V
60
80
dB
Avd
Large Signal Voltage Gain
Vo = 2Vpk-pk
RL = 600
86
dB
VOH
High Level Output Voltage
RL = 600
4.7
4.8
V
VOL
Low Level Output Voltage
RL = 600
80
300
mV
Isc
Output Short Circuit Current
10
mA
ICC
Supply Current (per amplifer)
No load, Vo =VCC/2
0.95
1.4
mA
GBP
Gain Bandwidth Product
RL =2k
3
MHz
SR
Slew Rate
1
V/
µs
∅m
Phase Margin at Unity Gain
RL = 600
Ω,CL = 100pF
60
Degrees
Gm
Gain Margin
RL = 600
Ω,CL = 100pF
10
dB
en
Equivalent Input Noise Voltage
f = 1kHz
25
nV
√
Hz
THD
Total Harmonic Distortion
Vo = 4Vpk-pk, f = 10kHz, AV =2, RL = 10k
0.01
%
TS951-TS952-TS954
4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com