Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS952I Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS952I
Description  INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS952I Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS952I Datasheet HTML 2Page - STMicroelectronics TS952I Datasheet HTML 3Page - STMicroelectronics TS952I Datasheet HTML 4Page - STMicroelectronics TS952I Datasheet HTML 5Page - STMicroelectronics TS952I Datasheet HTML 6Page - STMicroelectronics TS952I Datasheet HTML 7Page - STMicroelectronics TS952I Datasheet HTML 8Page - STMicroelectronics TS952I Datasheet HTML 9Page - STMicroelectronics TS952I Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1
1,1
0,001
0,010
0,100
1,000
V out (V rms)
Vcc=+-1.5V
f= 1kHz
G=-1
Rl=600ohms
THD + NOISE VERSUS Vout
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1
1,1
0,001
0,010
0,100
1,000
Vout (Vrms)
Vcc=+-1.5
f=1kHz
G=- 1
Rl=2k
THD + NOISE VERSUS Vout
10
100
1000
10000
100000
0
0,02
0,04
0,06
0,08
0,1
Frequency (Hz)
Vcc=+-1.5 V
Rl=600ohms
Vo= 2Vpp
THD + NOISE VERSUS FREQUENCY
EQUIVALENT INPUT NOISE VOLTAGE
VERSUS FREQUENCY
TS951-TS952-TS954
6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com