Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS971I Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS971I
Description  OUTPUT RAIL TO RAIL VERY LOWNOISE OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS971I Datasheet(HTML) 2 Page - STMicroelectronics

  TS971I Datasheet HTML 1Page - STMicroelectronics TS971I Datasheet HTML 2Page - STMicroelectronics TS971I Datasheet HTML 3Page - STMicroelectronics TS971I Datasheet HTML 4Page - STMicroelectronics TS971I Datasheet HTML 5Page - STMicroelectronics TS971I Datasheet HTML 6Page - STMicroelectronics TS971I Datasheet HTML 7Page - STMicroelectronics TS971I Datasheet HTML 8Page - STMicroelectronics TS971I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage - note 1
12
V
Vid
Differential Input Voltage - note 2
±VCC
V
Vin
Input Voltage Range - note 3
-0.3 to 12.3
V
Toper
Operating Free Air Temperature Range
-40 to +125
oC
Tstg
Storage Temperature Range
-65 to +150
oC
Tj
Maximum Junction Temperation
150
oC
Rthjc
Thermal Resistance Junction to Case - note 4
SOT23-5
SO8
SO14
TSSOP8
TSSOP14
81
28
22
26
21
oC/W
Rthja
Thermal Resistance Junction to Ambient
256
oC/W
ESD
Human Body Model
2
kV
Lead Temperature (soldering, 10sec)
260
oC
Notes: 1.
All voltages values, except differential voltage are with respect to network ground terminal.
2.
Differential voltages are non-inverting input terminal with respect to the inverting input terminal.
3.
The magniture of input and output voltages must never exceed VCC +0.3V.
4.
Short-circuits can cause excessive heating and destructive dissipation.
OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage Range
2.7 to 12
V
Vicm
Common Mode Input Voltage Range
VDD + 1.15 to VCC - 1.15
V
TS971-TS972-TS974
2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com