Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA0801CFT Datasheet(PDF) 20 Page - STMicroelectronics

Part # TSA0801CFT
Description  8-BIT, 40MSPS, 40mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA0801CFT Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TSA0801CFT Datasheet HTML 12Page - STMicroelectronics TSA0801CFT Datasheet HTML 13Page - STMicroelectronics TSA0801CFT Datasheet HTML 14Page - STMicroelectronics TSA0801CFT Datasheet HTML 15Page - STMicroelectronics TSA0801CFT Datasheet HTML 16Page - STMicroelectronics TSA0801CFT Datasheet HTML 17Page - STMicroelectronics TSA0801CFT Datasheet HTML 18Page - STMicroelectronics TSA0801CFT Datasheet HTML 19Page - STMicroelectronics TSA0801CFT Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
TSA0801
20/20
Inform ation furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibil ity for the
consequences of use of such inform ation nor for any infring ement of patents or other righ ts of third parties which may result from
its use. No license is granted by implication or oth erwise under any patent or patent rights of STMicroelectronics. Specifications
mentioned in this publica tion are subject to change witho ut notice. This publ ication supersedes and replaces all inform ation
previously supplied. STMicroelectronics products are not authorized for use as critical components in life suppo rt devices or
systems withou t express written approval of STMicroelectronics.
© The ST logo is a registered trademark of STMicroelectronics
© 2000 STMicroelectronics - Printed in Italy - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco
Singapore - Spain - Sweden - Switzerland - United Kingdom
© http://www. st.com
PACKAGE MECHANICAL DATA:
48 PINS - PLASTIC PACKAGE
Dim.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.60
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.40
1.45
0.053
0.055
0.057
B
0.17
0.22
0.27
0.007
0.009
0.011
C
0.09
0.20
0.004
0.008
D
9.00
0.354
D1
7.00
0.276
D3
5.50
0.216
e
0.50
0.0197
E
9.00
0.354
E1
7.00
0.276
E3
5.50
0.216
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.039
K0
° (min.), 7° (max.)
48
37
D3
e
13
24
1
12
25
36
c
A1
A2
A
D1
D
K
0,25 mm
.010 inch
GAGE PLANE
0,10 mm
.004 inch
SEATING PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com