Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA1002 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TSA1002
Description  10-BIT, 50MSPS, 50mW A/D CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1002 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TSA1002 Datasheet HTML 11Page - STMicroelectronics TSA1002 Datasheet HTML 12Page - STMicroelectronics TSA1002 Datasheet HTML 13Page - STMicroelectronics TSA1002 Datasheet HTML 14Page - STMicroelectronics TSA1002 Datasheet HTML 15Page - STMicroelectronics TSA1002 Datasheet HTML 16Page - STMicroelectronics TSA1002 Datasheet HTML 17Page - STMicroelectronics TSA1002 Datasheet HTML 18Page - STMicroelectronics TSA1002 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
TSA1002
19/19
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from
its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information
previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or
systems without express written approval of STMicroelectronics.
© The ST logo is a registered trademark of STMicroelectronics
© 2000 STMicroelectronics - Printed in Italy - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco
Singapore - Spain - Sweden - Switzerland - United Kingdom
© http://www.st.com
PACKAGE MECHANICAL DATA
48 PINS - PLASTIC PACKAGE
Dim.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.60
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.40
1.45
0.053
0.055
0.057
B
0.17
0.22
0.27
0.007
0.009
0.011
C
0.09
0.20
0.004
0.008
D
9.00
0.354
D1
7.00
0.276
D3
5.50
0.216
e
0.50
0.0197
E
9.00
0.354
E1
7.00
0.276
E3
5.50
0.216
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.039
K
0° (min.), 7° (max.)
48
37
D3
e
13
24
1
12
25
36
c
A1
A2
A
D1
D
K
0,25 mm
.010 inch
GAGE PLANE
0,10 mm
.004 inch
SEATING PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com